Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL316G-S24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UL316G-S24-R
Description  SERIAL-INTERFACED 6-DIGIT LED CONTROLLER IC WITH KEYSCAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL316G-S24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UL316G-S24-R Datasheet HTML 1Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 2Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 3Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 4Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UL316
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R125-032.C
PIN CONFIGURATIONS
PIN CONFIGURATIONS
PIN
NUMBER
SYMBOL
TYPE
NAME AND FUNCTION
1
DIN/DOUT
IN/OUT
Output serial data at falling edge of the shift clock, starting from lower bit.
Input serial data is clocked in at rising edge of the shift clock, starting from
lower bit.
2
CLK
IN
Reads serial data at rising edge, and outputs data at falling edge.
3
STB
IN
Initializes serial interface at rising or falling edge for reception of command.
Data input after the falling edge of STB are processed as a command. While
command data are processed, current processing is stopped, and the serial
interface is initialized. While STB is high, instructions are ignored.
4
IRQ_N
OUT
Interrupt output (active low) to interrupt the MCU when there is a key press
5
DIG1_LED
OUT
Single output LED used together with the 8 segments to drive up to 8
discrete LEDs
6
DIG2
OUT
Digit output pin
7
DIG3
OUT
Digit output pin
8
DIG4
OUT
Digit output pin
9
VCC
PWR
5.0 V ± 10% Core main supply voltage. Bypass to GND through a 0.1 μF
capacitor as close to the pin as possible
10
DIG5
OUT
Digit output pin
11
DIG6
OUT
Digit output pin
12
DIG7
OUT
Digit output pin
13
SEG8/KS8
OUT
Segment output pin (dual function as key source)
14
SEG7/KS7
OUT
Segment output pin (dual function as key source)
15
SEG6/KS6
OUT
Segment output pin (dual function as key source)
16
SEG5/KS5
OUT
Segment output pin (dual function as key source)
17
GND
PWR
Connect this pin to system GND
18
SEG4/KS4
OUT
Segment output pin (dual function as key source)
19
SEG3/KS3
OUT
Segment output pin (dual function as key source)
20
SEG2/KS2
OUT
Segment output pin (dual function as key source)
21
SEG1/KS1
OUT
Segment output pin (dual function as key source)
22
KEY2
IN
Key 2 input
23
KEY1
IN
Key 1 input
24
ISET
IN
Segment current setting. Connect to GND through a resistor to set the peak
segment current.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com