Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL316G-S24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL316G-S24-R
Description  SERIAL-INTERFACED 6-DIGIT LED CONTROLLER IC WITH KEYSCAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL316G-S24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL316G-S24-R Datasheet HTML 1Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 2Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 3Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 4Page - Unisonic Technologies UL316G-S24-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO.,LTD.
UL316
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co.,Ltd
QW-R125-032.C
SERIAL-INTERFACED
6-DIGIT LED CONTROLLER
IC WITH KEYSCAN
DESCRIPTION
The UL316 is a compact LED controller and driver that
interface microprocessors to LED displays through a serial
3-wire interface. It drives LED connected in common anode
configuration. The UL316 drives up to 48 discrete LEDs in
8 segment/6 digit configuration while functioning from a
supply voltage of 5.0V.
SOP-24
FEATURES
* LED driver with 14 outputs (8 segments/6 digits)×40 mA
load current capability for each segment
* Output pins connected directly to the LEDs or can be
open-drain
* Key-scanning (8 x 2 matrix)
* 3-wire serial bus interface (CLK, STB, DIN/DOUT)
* 8-step dimming circuit to control the overall display
brightness
* Single external resistor for output current setting
* Inputs with Schmitt trigger give superior noise
immunity
* A single LED digit output (DIG1_LED) can be used to
drive up to 8 discrete LEDs
* 8-step dimming circuit to control brightness of
individual LEDs for LED digit
* 5.0 V (± 10%) for VCC
* Drives common-anode LED digits
* Built-in power on reset and soft-start circuits
ORDERING INFORMATION
Ordering Number
Package
Packing
UL316G-S24-R
SOP-24
Tape Reel
UL316G-S24-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S24: SOP-24
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - UL316G-S24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL318 UTC-UL318 Datasheet
244Kb / 6P
SERIAL-INTERFACED 10-DIGIT LED CONTROLLER IC WITH KEYSCAN
UL318G-S28-R UTC-UL318G-S28-R Datasheet
244Kb / 6P
SERIAL-INTERFACED 10-DIGIT LED CONTROLLER IC WITH KEYSCAN
UL318L-S28-R UTC-UL318L-S28-R Datasheet
244Kb / 6P
SERIAL-INTERFACED 10-DIGIT LED CONTROLLER IC WITH KEYSCAN
UL319 UTC-UL319 Datasheet
230Kb / 7P
SERIAL-INTERFACED 16-DIGIT LED CONTROLLER IC
UL319B UTC-UL319B Datasheet
215Kb / 7P
SERIAL-INTERFACED 14-DIGIT LED CONTROLLER IC
More results

Similar Description - UL316G-S24-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6958 MAXIM-MAX6958 Datasheet
270Kb / 19P
2-Wire Interfaced, 3V to 5.5V, 4-Digit, 9-Segment LED Display Drivers with Keyscan
Rev 0; 10/02
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
STLED316S STMICROELECTRONICS-STLED316S_08 Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
logo
ams AG
AS1115 AMSCO-AS1115 Datasheet
1Mb / 24P
64 LEDs, I짼C Interfaced LED Driver with Keyscan
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
logo
Unisonic Technologies
UL318 UTC-UL318 Datasheet
244Kb / 6P
SERIAL-INTERFACED 10-DIGIT LED CONTROLLER IC WITH KEYSCAN
UL319 UTC-UL319 Datasheet
230Kb / 7P
SERIAL-INTERFACED 16-DIGIT LED CONTROLLER IC
UL319B UTC-UL319B Datasheet
215Kb / 7P
SERIAL-INTERFACED 14-DIGIT LED CONTROLLER IC
logo
Maxim Integrated Produc...
MAX6958 MAXIM-MAX6958_V01 Datasheet
685Kb / 19P
2-Wire Interfaced, 3V to 5.5V, 4-Digit 9-Segment LED Display Drivers with Keyscan
2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com