Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL1630G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UPSL1630G-S08-R
Description  PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL1630G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UPSL1630G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UPSL1630
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-A010.b
APPLICATION INFORMATION (Cont.)
Short-circuit Protection
The short-circuit protection is triggered if the DSEN pin voltage is detected below 0.2V for a continuous time of
640μs. The gate drive switching will be turned off, and a restart process will be kicked off when the VDD voltage
drops below the UVLO threshold.
This re-start process will repeat if the short-circuit condition continues to exist.
Current Sensing and Leading Edge Blanking
Cycle-by-cycle current limiting is offered in UTC UPSL1630. The switch current is detected by a sense resistor into
the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 500ns leading-edge
blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer
needed.
Other Protection Control
Good power supply system reliability is achieved with its comprehensive protection features including VDD over
voltage protection, OTP, over current protection (OCP), output over voltage protection, output short circuit protection
(SCP), leading edge blanking, VDD under voltage lockout, etc.
VDD is supplied by transformer auxiliary winding output. The output of UTC UPSL1630 is shutdown when VDD
drops below VTH(OFF) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com