Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL1630G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSL1630G-S08-R
Description  PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL1630G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSL1630G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSL1630G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPSL1630
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-A010.b
PSR, SINGLE STAGE, AC-DC
LED DRIVER WITH ACTIVE
PFC
DESCRIPTION
The UTC UPSL1630 is a primary-side-control AC-DC LED
driver which can achieve high power factor and accurate LED
current for an isolate lighting application in a single stage converter.
The LED current can be controlled accurately from the primary
side information. It can significantly simplify the LED lighting
system design by eliminating the secondary side feedback
components and the opto-coupler.
The UTC UPSL1630 integrates power factor correction function
and works in DCM and constant TOFF time mode for reducing the
harmonic current emission (THD).
The UTC UPSL1630 achieves high precision output current
regulation and high power efficiency. It offers comprehensive
protection coverage with auto-recovery features including VDD over
voltage protection, OTP, over current protection (OCP), output over
voltage protection, output short circuit protection (SCP), leading
edge blanking, VDD under voltage lockout, etc.
FEATURES
SOP-8
* ±3% constant current regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* Built-in power factor correction
* Up to 50W power drivability
* Flyback topology in DCM operation
* Driver MOSFET switch
* Built-in leading edge blanking
* Cycle-by-cycle current limiting
* Under-voltage lockout
* VDD over voltage protection
* Output over voltage protection
* Output short circuit protection
* Power on soft-start
ORDERING INFORMATION
Ordering Number
Package
Packing
UPSL1630G-S08-R
SOP-8
Tape Reel
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
UPSL1630G-S08-R
(1)Packing Type.
(2)Package Type
(3)Green Package


Similar Part No. - UPSL1630G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL100 UTC-UPSL100 Datasheet
173Kb / 7P
HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
UPSL100-AF5-R UTC-UPSL100-AF5-R Datasheet
173Kb / 7P
HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
UPSL100G-AF5-R UTC-UPSL100G-AF5-R Datasheet
173Kb / 7P
HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101G-S08-R UTC-UPSL101G-S08-R Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
More results

Similar Description - UPSL1630G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSD1630 UTC-UPSD1630 Datasheet
198Kb / 6P
PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
logo
List of Unclassifed Man...
FT8260 ETC2-FT8260 Datasheet
444Kb / 16P
PSR Single-Stage AC-DC LED Driver with High PF
logo
Maxic Technology Corpor...
MT7930 MAXIC-MT7930 Datasheet
151Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT7932 MAXIC-MT7932 Datasheet
181Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT7933 MAXIC-MT7933 Datasheet
180Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT79328 MAXIC-MT79328 Datasheet
172Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT79335 MAXIC-MT79335 Datasheet
173Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
logo
Bright Power Semiconduc...
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
PSR Single-Stage APFC Offline LED Driver
logo
Maxic Technology Corpor...
MT7939 MAXIC-MT7939 Datasheet
82Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com