Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842BP-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC3842BP-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842BP-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC3842BP-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R103-012.F
MARKING
Package
UC3842B
UC3843B
DIP-8
UTC
UC3843B
2
3
4
1
5
6
7
8
Date Code
L: Lead Free
P: Halogen Free
Lot Code
SOP-8
PIN CONFIGURATION
1
2
3
4
8
7
6
5
VCC
OUTPUT
CS
RTCT
VREF
COMP
VFB
GND
PIN DESCRIPTIONS
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
COMP
O
Error amp output to provide loop compensation maintaing VFB at 2.5V
2
VFB
I
Error amp inverting input, The non-inverting input of error amp is 2.5V band
gap reference
3
CS
I
Current sense input to PWM control gate drive of output
4
RTCT
I
To set oscillator frequency and maximum output duty cycle
5
GND
Power ground
6
OUTPUT
O
To direct drive power MOSFET
7
VCC
Power supply
8
VREF
O
5V regulated output provides charging current for CT through RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com