Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842BP-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3842BP-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842BP-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3842BP-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 11
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-012.F
HIGH PERFORMANCE
CURRENT MODE
CONTROLLERS
DESCRIPTION
The UTC UC3842B/3843B are specifically designed for
off-line and dc-to-dc converter applications offering the designer
a cost-effective solution with minimal external components.
The UC3842B has UVLO thresholds 16V (on) and 10V(off),
ideally suited for off-line converters. The UC3843B is tailored for
lower voltage applications having UVLO thresholds of 8.4V(on)
and 7.6V(off).
FEATURES
* Trimmed oscillator for precise frequency control
* Oscillator frequency guaranteed at 250kHz
* Current mode operation to 500kHz
* Automatic feed forward compensation
* Latching PWM for cycle-by-cycle current limiting
* Internally trimmed reference with undervoltage lockout
* High current totem pole output
* Undervoltage lockout with hysteresis
* Low startup and operating current
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3842BL-D08-T
UC3842BP-D08-T
DIP-8
Tube
-
UC3842BP-S08-R
SOP-8
Tape Reel
UC3843BL-D08-T
UC3843BP-D08-T
DIP-8
Tube
-
UC3843BP-S08-R
SOP-8
Tape Reel


Similar Part No. - UC3842BP-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3842BP-S08-R UTC-UC3842BP-S08-R Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3842BP-S08-R UTC-UC3842BP-S08-R Datasheet
439Kb / 10P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Similar Description - UC3842BP-S08-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
High Performance Current Mode Controllers
December, 2012 ??Rev. 11
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
high performance current mode controllers
logo
ON Semiconductor
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com