Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83CXXXG-AD4-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 83CXXXG-AD4-R
Description  4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

83CXXXG-AD4-R Datasheet(HTML) 3 Page - Unisonic Technologies

  83CXXXG-AD4-R Datasheet HTML 1Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 2Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 3Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 4Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
83CXXX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-353.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Terminal Voltage (respect to GND)
VCC
-0.3 ~ +6.0
V
RESET Voltage
Push-Pull
RESET
V
-0.3 ~ (VCC+0.3)
V
Open Drain
-0.3 ~ +6.0
V
Input Current
ICC
20
mA
Output Current ( RESET )
IOUT
20
mA
Power Dissipation (Ta =+70°C)
Derated Above 70°C
PD
320
mW
4
mW/°C
Operating Temperature
TOPR
-40~+105
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA =-40°C~+105°C. Typical values are at TA=25°C, unless otherwise specified)
83C293 (2.93V)
(VCC= 3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC Range
VCC
TA=0°C~+70°C
1.0
5.5
V
TA=-40°C~+105°C
1.2
5.5
V
MR Input Threshold
VIH
VCC>VTH(MAX)
1.98
V
VIL
0.825
V
Reset Threshold
VTH
TA=25°C
2.871
2.93
2.988
V
Supply Current
ICC
VCC<3.6V, TA=-40°C~+105°C
5
8
μA
RESET Output Current
(push-pull active low)
Low
IOL
VCC=2.5V,
V
5
.
0
=
VRESET
8
mA
High
IOH
VCC= 3.3V,
V
8
.
2
=
VRESET
3
mA
MR Pull-up Resistance
10
20
30
kΩ
Reset Threshold Tempco
70
ppm/°C
VCC to Reset Delay
VCC= VTH~(VTH-100mV)
15
Reset Active Timeout Period
VCC= VTH(MAX)
140
310
520
ms
MR Minima Pulse Width
tMR
10
μs
MR Glitch Immunity (Note )
100
ns
MR to Reset Propagation Delay
tMD
0.5
μs
83C308 (3.08V)
(VCC=3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC Range
VCC
TA=0°C~+70°C
1.0
5.5
V
TA=-40°C~+105°C
1.2
5.5
V
MR Input Threshold
VIH
VCC>VTH(MAX)
1.98
V
VIL
0.825
V
Reset Threshold
VTH
TA=25°C
3.018
3.08
3.141
V
Supply Current
ICC
VCC<3.6V, TA=-40°C~+105°C
5
8
μA
RESET Output Current
(push-pull active low)
Low
IOL
VCC=2.5V,
V
5
.
0
=
VRESET
8
mA
High
IOH
VCC= 3.3V,
V
8
.
2
=
VRESET
3
mA
MR Pull-up Resistance
10
20
30
kΩ
Reset Threshold Tempco
70
ppm/°C
VCC to Reset Delay
VCC= VTH ~ (VTH-100mV)
15
Reset Active Timeout Period
VCC= VTH(MAX)
140
310
520
ms
MR Minima Pulse Width
tMR
10
μs
MR Glitch Immunity (Note )
100
ns
MR to Reset Propagation Delay
tMD
0.5
μs
Note: “Glitches” of 100ns or less typical values will not generate a reset pulse.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com