Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83CXXXG-AD4-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 83CXXXG-AD4-R
Description  4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

83CXXXG-AD4-R Datasheet(HTML) 1 Page - Unisonic Technologies

  83CXXXG-AD4-R Datasheet HTML 1Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 2Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 3Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 4Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
83CXXX
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-353.c
4-PIN µP VOLTAGE MONITORS
WITH MANUAL RESET INPUT
DESCRIPTION
The UTC 83CXXX is a microprocessor supervisory circuit. It has
an active-low RESET and push-pull outputs. The circuit can assert
a reset signal as long as the VCC power supplies voltage dropping
below a preset threshold and it keep the reset signal for at least
140ms when VCC has risen above the reset threshold. The reset
threshold can be operated with multi-supply voltages.
The UTC 83CXXX provides the circuit with perfect reliability and
low cost through eliminating external components and adjustments
when applied with +5V, +3.3V, +3.0V power supply The UTC
83CXXX
also provide a de-bounced manual reset input.
The reset comparator can work despite of fast transients on VCC,
and the outputs are guaranteed to be in the right logic state while
VCC is down to 1V.
In applications, the UTC 83CXXX is suitable for computers,
intelligent instruments, controllers, critical microprocessor and
microcomputer power monitors, portable or battery-powered
equipment, automotive.
FEATURES
* +3V, +3.3V, and +5V power-supply voltages
* Full temperature rated
* Supply current: 5µA
* Available in configuration: push-pull RESET output
* 140ms minimum power-on reset pulse width
* Guaranteed reset to VCC = +1V
* Power supply transient Immunity
* Eliminating external components
* Manual reset input
ORDERING INFORMATION
Ordering Number
Package
Packing
83CXXXG-AD4-R
SOT-143
Tape Reel
Note: XXX: Output Voltage, refer to Marking Information.


Similar Part No. - 83CXXXG-AD4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
83CXXXG-AD4-R UTC-83CXXXG-AD4-R Datasheet
139Kb / 6P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXXG-AD4-R UTC-83CXXXG-AD4-R Datasheet
152Kb / 5P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXXG-AD4-R UTC-83CXXXG-AD4-R Datasheet
163Kb / 5P
CMOS IC
More results

Similar Description - 83CXXXG-AD4-R

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
4 PIN DIP PHOTOTRANSISTOR
EL817-G EVERLIGHT-EL817-G Datasheet
427Kb / 14P
4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q814 ETC1-Q814 Datasheet
502Kb / 13P
4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q825 ETC1-Q825 Datasheet
530Kb / 10P
8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q827 ETC1-Q827 Datasheet
470Kb / 13P
8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com