Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88CXXG-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 88CXXG-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88CXXG-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  88CXXG-AF5-R Datasheet HTML 1Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 2Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R502-040. K
ABSOLUTE MAXIMUM RATINGS (TA=25°С, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VDD-VSS
12
V
CD Terminal Input Voltage
VCD
VSS-0.3 ~ VDD +0.3
V
Output Voltage
VOUT
VSS-0.3 ~ VDD+0.3
V
Output Current
IOUT
50
mA
Power Dissipation
PD
250
mW
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified.)
Detection voltage (1.5V ~ 2.6V)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Detect Voltage
VDET
-VDET
×0.98
-VDET
-VDET
×1.02
V
Hysteresis Range
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V
Supply Current
ISS
VDD=3.5V
1.2
5.0
µA
Operating Voltage
VDD
0.95
10.0
V
Output Current
IOUT
N-CH VDS=0.5V
VDD=1.20V
0.23
0.50
mA
P-CH VDS=0.5V
VDD=4.8V
0.36
0.62
mA
Detect Voltage Temperature
Characteristics
△
VDET
△
TOPR×VDET
±100
ppm/°С
Delay Time
tDLY
VDD=3.5V, CD=4.7nF
16
30
42
ms
Detection voltage (2.7V ~ 3.9V)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Detect Voltage
VDET
-VDET
×0.98
-VDET
-VDET
×1.02
V
Hysteresis Range
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V
Supply Current
ISS
VDD=4.5V
1.3
5.0
µA
Operating Voltage
VDD
0.95
10.0
V
Output Current
IOUT
N-CH VDS=0.5V
VDD=1.20V
0.23
0.50
mA
VDD=2.40V
1.60
3.70
mA
P-CH VDS=0.5V
VDD=8.4V
0.36
0.62
mA
Detect Voltage Temperature
Characteristics
△
VDET
△
TOPR×VDET
±100
ppm/°С
Delay Time
tDLY
VDD=4.5V, CD=4.7nF
12
28
34
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com