Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88CXXG-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 88CXXG-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88CXXG-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  88CXXG-AF5-R Datasheet HTML 1Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 2Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88CXXG-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
88CXX
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-040. K
BUILT-IN DELAY CIRCUIT
HIGH-PRECISION VOLTAGE
DETECTOR
DESCRIPTION
The UTC 88CXX series are highly accurate, low power
consumption voltage detector, manufactured using CMOS process.
The detection voltage is fixed internally, with an accuracy of ±2.0%.
Besides, UTC 88CXX can easily delay a release signal by
attachment of an external capacitor with built-in delay circuit.
FEATURES
* Highly accurate
: 2.0%
* Hysteresis characteristics: 5% typ.
* Ultra-low current consumption: 1.0μA typ. (VDD=2.0V)
* Detection voltage ranges: 1.5~6V and step by 0.1V.
* Low operating voltage based on detection voltage
* Delay time setting by an additional external capacitor.
ORDERING INFORMATION
Ordering Number
Package
Packing
88CXXG-AE5-R
SOT-23-5
Tape Reel
88CXXG-AF5-R
SOT-25
Tape Reel


Similar Part No. - 88CXXG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88CXXG-AF5-R UTC-88CXXG-AF5-R Datasheet
258Kb / 13P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXXG-AF5-R UTC-88CXXG-AF5-R Datasheet
330Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXXG-AF5-R UTC-88CXXG-AF5-R Datasheet
320Kb / 12P
CMOS IC
More results

Similar Description - 88CXXG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88CXX UTC-88CXX Datasheet
215Kb / 16P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
Voltage Detector with Delay Circuit Built-In
logo
Unisonic Technologies
88CXX UTC-88CXX_10 Datasheet
258Kb / 13P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX Datasheet
185Kb / 5P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_11 Datasheet
234Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_12 Datasheet
330Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Leshan Radio Company
LR8809 LRC-LR8809 Datasheet
441Kb / 7P
ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
logo
Unisonic Technologies
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9509C E-CMOS-EC9509C Datasheet
491Kb / 10P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com