Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US204XXG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US204XXG-S08-R
Description  1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US204XXG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US204XXG-S08-R Datasheet HTML 1Page - Unisonic Technologies US204XXG-S08-R Datasheet HTML 2Page - Unisonic Technologies US204XXG-S08-R Datasheet HTML 3Page - Unisonic Technologies US204XXG-S08-R Datasheet HTML 4Page - Unisonic Technologies US204XXG-S08-R Datasheet HTML 5Page - Unisonic Technologies US204XXG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US204
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-601.a
100mΩ, 1/1.5A HIGH-SIDE
POWER SWITCHES WITH FLAG
DESCRIPTION
The UTC US204 series are 100mΩ high-side power switches.
There are internal duel low voltage N-Channel MOSFETS which
whish is ideal all USB applications. These MOSFETS is driven by a
charge pump circuitry inside, these switches on resistance are as
low as 100mΩ which and meet the drop voltage for USB
applications.
The flag pins output an open-drain fault flag to next controller.
There’re lots internal special ways for protecting the chip’s
operation. There are also built-in protection circnits to ensure the
chips function normally.
When in hot-plug events, there’s large current which can create
the upstream voltage droop to match the USB’s voltage droop
requirements and soft-start for isolating the power source.
As soon as the die temperature is higher than 130℃, the internal
shutdown circuit will work.
Only when there’s a normal input voltage in the VIN pin, the UVLO
(under-voltage lockout, 2.1V typ.) can make sure the chip is in the
off state.
Because of the requirement of USB power, the fault current
should be ensured to be less than 1.5A for UTC US204AH/AL and
1.0A for UTC US204CH/CL.
FEATURES
* 100mΩ(Typ) N-Channel MOSFET
* Supply Current:
–
Switch On : 60μA (Typ)
–
Switch Off : 1μA (Typ)
* Load Current 1.5A for US204AH/AL and 1.0A for US204CH/CL
* Input Voltage from 2V ~ 5.5V
* In Off-State: Output Voltage can be Higher than Input
SOP-8
RDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
US204XXL-S08-R
US204XXG-S08-R
SOP-8
Tape Reel


Similar Part No. - US204XXG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US204XXG-S08-R UTC-US204XXG-S08-R Datasheet
249Kb / 6P
100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results

Similar Description - US204XXG-S08-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203 Datasheet
269Kb / 8P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
90m(ohm), 1.5A High-Side Power Switches with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com