Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US251G-xx-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US251G-xx-AF5-R
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US251G-xx-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US251G-xx-AF5-R Datasheet HTML 1Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 2Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 3Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 4Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US251
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R129-008.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.3 ~ 6
V
Enable Input Voltage
VEN
-0.3 ~ 6
V
Flag Voltage
VEN
-0.3 ~ 6
V
Output Voltage
VOUT
-0.3 ~ 6
V
Output Current
IOUT
Internally Limited
A
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
℃/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage, IN
VIN
3.5
5.5
V
Input Voltage, EN or EN
VEN
0
5.5
V
Operating Junction Temperature
TJ
-40
125
°C
Sink Current Into FLT
FLT
I
0
5
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com