Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US251G-xx-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US251G-xx-AF5-R
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US251G-xx-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US251G-xx-AF5-R Datasheet HTML 1Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 2Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 3Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 4Page - Unisonic Technologies US251G-xx-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US251
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R129-008.a
CURRENT-LIMITED,
POWER-DISTRIBUTION
SWITCHES
DESCRIPTION
The UTC US251 is a power distribution switch. It is intended for
applications such as USB where heavy capacitive loads and
short-circuits are likely to be encountered. This family offers
multiple devices with fixed current-limit thresholds for applications
between 0.5A and 2A.
The RDS(ON) of the MOSFET switch is as low as 80mΩ. OC is
open-drain output report over-current or over-temperature event
which has deglitch typical 9ms timeout period typically 9ms.
The UTC US251 incorporates protection circuits including
current limiting circuit with foldback function, thermal shutdown
circuit designed to prevent catastrophic switch failure due to
increasing power dissipation when continuous heavy loads or short
circuit occurs. Besides, a built-in charge pump is used to drive the
N-channel MOSFET that is free of parasitic body diode to eliminate
any reversed current flow across the switch when it is powered off.
The UTC US251 is applied in high-side power protection switch,
USB power management, USB host and self-powered bubs, USB
bus-powered hubs, hot plug-in power supplies, battery-charger
circuits.
FEATURES
* Single Power Switch Family
* 80-mΩ High-Side MOSFET
* Rated currents of 0.5 A, 1 A, 1.5 A, 2 A
* Accurate, Fixed, Constant Current Limit
* Deglitched Fault Reporting
* Output Discharge When Disabled
* Reverse Current Blocking
* Built-in Softstart
ORDERING INFORMATION
Ordering Number
Package
Packing
US251G-xx-AF5-R
SOT-25
Tape Reel
(1) R: Tape Reel
(2) AF5: SOT-25
(3) 08: 0.8mA, 16: 1.6mA, 22: 2.2mA, 29: 2.9mA
(4) G: Halogen Free and Lead Free
US251G-xx-AF5-R
(1)Packing Type
(2)Package Type
(3)Current Limit
(4)Green Package


Similar Part No. - US251G-xx-AF5-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US25 MICROSEMI-US25 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
More results

Similar Description - US251G-xx-AF5-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com