Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1528XG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US1528XG-S08-R
Description  USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1528XG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US1528XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
US1528
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-457.b
FUNCTIONAL DESCRIPTION
The UTC US1528 is high-side single channel power switch; it has an enable input in active low.
Fault
conditions turn off or inhibit turn-on of the output transistors.
Input and Output
IN pin (input) is the power supply connection to the logic circuitry and the source of the output MOSFET. OUT
pin (output) is the output MOSFET’s drain. Current flows through the switch from IN pin to OUT pin toward the load
in many applications. All OUT pins must be connected together to the load.
The output MOSFET and driving circuit are also designed to allow the MOSFET drain to be externally forced to
a higher voltage than the source (VOUT > VIN) when the switch is off. This avoids undesirable drain-to-body diode
current flow by connecting the body to the most positive voltage. If VOUT >VIN when switch is enabled, current will
flow from VOUT to VIN.
Thermal Shutdown
Thermal shutdown is designed to prevent this device from being damaged due to excessive power dissipation.
It is used to turn off the output MOSFET if the temperature is higher than135°C, 10°C of hysteresis prevents the
switch from turning on until the die temperature drops to 125°C. Thermal shutdown circuit functions only when the
switch is enabled.
Undervoltage Lockout
UVLO (Undervoltage Lockout) turns off the MOSFET switch once the input voltage falls below 2.3V (TYP) and
if the input voltage exceeds 2.5V (TYP), the switch will be turned on. UVLO detection functions only when the switch
is enabled.
Current Sensing and Limiting
The current limit threshold is fixed internally, allowing a 0.5A minimum current to flow through the output
MOSFET. However, the current limit threshold can prevent the output MOSFET and external load from being
damage. A current sense circuit protects the MOSFET switch’s output current. If output current becomes higher than
the current limit threshold, the output MOSFET switch is turned off. The reaction to an overcurrent is measured with
the following scenarios:
Switch Enabled into Heavy Load
If the switch is powered on or enabled into a heavy load or short-circuit, the switch enters a constant-current
mode immediately, reducing the output voltage.
Heavy Load Applied to Enabled Switch
When a heavy load is applied, a large-undesired transient current occurs which may damage the switch. Then
the current limit circuit may turn off the switch, folding back into constant-current mode.
Fault Flag
Fault flag is an open-drained output of an N-channel MOSFET. It drops low to indicate error conditions as
follows: current limiting, UVLO, or thermal shutdown. The flag output MOSFET is capable of sinking a 10mA load to
typically 100mV above ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com