Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1528XG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US1528XG-S08-R
Description  USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1528XG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US1528XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US1528
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-457.b
USB HIGH-SIDE POWER SWITCH
ADVANCE INFORMATION
DESCRIPTION
The UTC US1528 is an integrated high-side power switch. It is
designed particularly for self-powered and bus-powered USB (Universal
serial bus) applications.
The UTC US1528 meets the requirements of the USB. The low
on-resistance of the switch meets USB voltage drop requirements.
When the output load becomes higher than the current-limit threshold,
the UTC US1528 switches into constant- current mode and limits the
output current at 1.4A (TYP).
An open-drain flag, playing a role as the MOSFET output, is included
to indicate error conditions to the local USB controller. A thermal
shutdown circuit protects this device from catastrophic switch failure,
which is caused by increasing power dissipation when continuous heavy
loads or short circuit occurs. In addition, soft start is used to avoid the
momentary voltage drop generated on the upstream port that may occur
when the switch is enabled in bus-powered applications. A UVLO
(under-voltage lockout) circuit is used to keep the device off unless there
is a valid input voltage present, and an enable input that is compatible
with both 3.3V and 5V logic.
The UTC US1528 can be used for high-side power protection switch,
USB power management, USB host and self-powered hubs, hot plug-in
power supplies and battery-charger circuits.
FEATURES
* Open-Drain Fault Flag
* Low on-Resistance MOSFET: Typical 110mΩ(at 5.0V)
* Operating Voltage Varying From 3.0V to 5.5V
* Output can be Forced Higher than Input when Operating in Off State.
* Slow Turn-On (Soft-Start) and Fast Turn-Off
* On-State Supply Current: 100 µA (TYP)
* Standby Supply Current: 1µA (TYP)
* Current Limit: 1.4A (TYP)
* Thermal Shutdown Protection Circuit
* UVLO (Under-Voltage Lockout): 2.4V (TYP)
* Logic Level Enable Pin, Available with Active-High/Low Version
ORDERING INFORMATION
Ordering Number
Package
Packing
US1528XG-S08-R
SOP-8
Tape Reel


Similar Part No. - US1528XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1528XG-S08-R UTC-US1528XG-S08-R Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
More results

Similar Description - US1528XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Global Mixed-mode Techn...
G525A GMT-G525A Datasheet
243Kb / 8P
USB High-Side Power Switch Advance Information
G528 GMT-G528 Datasheet
194Kb / 8P
USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525_15 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com