Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2026AL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2026AL-S08-R
Description  DUAL-CHANNEL USB POWER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2026AL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US2026AL-S08-R Datasheet HTML 1Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 2Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 3Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 4Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 5Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 6Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 7Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 8Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2026A
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R502-086.B
DUAL-CHANNEL USB POWER
SWITCH AND OVER-CURRENT
PROTECTION
DESCRIPTION
The UTC US2026A is a standard dual channels power switch with
independent over-current protection fault flag functions, optimized for
bus-powered Universal Serial Bus (USB) and self-powered
applications, including Notebook and desktop PC’s that supply
power to more than one port.
The UTC US2026A also offers thermal shutdown protection that
reduces current consumption in fault modes for each switch and the
entire device. With a 1ms delay on the fault FLAG output prevents
erroneous over current reporting caused by in-rush currents during
hot-plug events.
In addition, the UTC US2026A employs soft-start circuitry that
minimizes in-rush current in applications where highly capacitive
loads are employed.
FEATURES
* Two P-channel power MOSFET control switch
* 110µA Max operating current
* 5µA Max standby current
* 145 mΩ Max switch resistance
* 2.7V ~ 5.5V input voltage range
* 500mA minimum continuous load current
* Smooth turn-on eliminates in-rush induced voltage drop
* 1 ms fault flag delay filters Hot-Plug events
* Over-current protection
* Under-voltage lockout circuit
* Thermal shutdown protection
* Flag indicates fault conditions
SOP-8
*Pb-free plating product number: US2026AL
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
US2026A-S08-R
US2026AL-S08-R
SOP-8
Tape Reel
US2026A-S08-T
US2026AL-S08-T
SOP-8
Tube


Similar Part No. - US2026AL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2026AL-S08-R UTC-US2026AL-S08-R Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
More results

Similar Description - US2026AL-S08-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
USB Dual-Channel Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
DUAL USB POWER SWITCH
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
USB Dual-Channel Power Switch
4626.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
USB Dual-Channel Power Switch
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
Single/Dual Channel USB 3.0 Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
Dual Channel USB Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
Dual-Channel USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com