Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2075AG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US2075AG-S08-R
Description  DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2075AG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US2075AG-S08-R Datasheet HTML 1Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 8Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
US2075A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-060,G
ABSOLUTE MAXIMUM RATINGS (Ta=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3 ~ +6
V
Flag Voltage
VFLAG
-0.3 ~ +6
V
Flag Current
IFLAG
50
mA
Output Voltage
VOUT
VIN+0.3
V
Output Current
IOUT
-0.1 ~ +0.5
A
Control Input
VCTL
-0.3 ~ +6
V
Total Power Dissipation
PD
300
mW
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
0 ~ +85
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature Rising
150
°С
Thermal Shutdown Protection
TSHDN
Temperature Hysteresis
5
10
°С
DC ELECTRICAL CHARACTERISTICS (VIN=+5V, TOPR=+25°С, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
3.5
5
5.5
V
CTL Voltage, Low
VIL
CTL Pin (Note)
1.0
V
CTL Voltage, High
VIH
CTL Pin (Note)
2.0
V
VIN=Increasing
2.2
2.5
2.8
V
VIN=Decreasing
2.0
2.3
2.6
V
Under-Voltage Lockout
VUVLO
Hysteresis Voltage
0.05
0.25
V
ISW_ON
VCTL=GND
VOUT1=VOUT2=Open
100
μA
Supply Current
ISW_OFF
VCTL= VIN
VOUT1=VOUT2=Open
1
5
μA
Output Leakage Current
IO(LEAK) VCTL= VIN
10
μA
Flag Leakage Current
IF(LEAK) VFLAG=5V
0.1
1
μA
Current Limit
ILIMIT
Ta=0~80°С
0.8
0.9
1.25
A
Flag Output Resistance
ROUT
IL=10mA
10
20
Ω
Output MOSFET on-Resistance
RON
IOUT=500mA
105
145
mΩ
Note: ON is CTL<1.0V and OFF is CTL>2.0V
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Turn-on Rise Time
tR
RL=10Ω, Per Output
2.5
5
8
ms
Output Turn-off Fall Time
tF
RL=10Ω, Per Output
10
μs
Over-Current Detection Delay Time
tDELAY
20
μs
Over-Current Detection Output Rise Time
tDECR
RL=10Ω, Per Output
2.5
5
8
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com