Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2075AG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2075AG-S08-R
Description  DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2075AG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US2075AG-S08-R Datasheet HTML 1Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 8Page - Unisonic Technologies US2075AG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2075A
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-060,G
DUAL-CHANNEL POWER
DISTRIBUTION CONTROL
SWITCH FOR USB
DESCRIPTION
The UTC US2075A is a dual channel power switch with
independent enable and flag functions, optimized for bus-powered
Universal Serial Bus (USB) and self-powered applications.
This product satisfies USB voltage drop requirement with soft
start, which eliminates the momentary voltage drop on the upstream
port that may occur.
In addition, the UTC US2075A is equipped with over-temperature
and over-current detectors, each flag output is available to indicate
fault conditions independently to the USB controller. The UTC
US2075A
is available in active-low versions.
FEATURES
* 100 μA MAX operating current
* 5μA MAX standby current
* 3.5V ~ 5.5V operating range
* Two P-channel power MOSFET control switch
* Over-current protection
* Under-voltage lockout circuit
* Thermal shutdown circuit
* Soft-start circuit
* Flag indicates fault conditions
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
US2075AL-S08-R
US2075AG-S08-R
SOP-8
Tape Reel


Similar Part No. - US2075AG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2075AG-S08-R UTC-US2075AG-S08-R Datasheet
246Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075AG-S08-R UTC-US2075AG-S08-R Datasheet
332Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results

Similar Description - US2075AG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2075A UTC-US2075A Datasheet
137Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
Single/Dual Channel USB 3.0 Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com