Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2175XG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US2175XG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2175XG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US2175XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 8Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
US2175
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R502-403.C
PIN CONFIGURATION
1
OUT(1)
CTL(2)
CTL(1)
FLG(1)
FLG(2)
IN
GND
OUT(2)
2
3
4
5
6
7
8
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CTL(1)
Switch A Control Input: Logic-Compatible, Active-Low or Active-High. TTL input
2
FLG(1)
Fault Detection Flag (1) (OUTPUT): Active-Low. N-ch Open-Drain. Indicates
Over-Current, Thermal Shutdown.
3
FLG(2)
Fault Detection Flag (2) (OUTPUT): Active-Low. N-ch Open-Drain. Indicates
Over-Current, Thermal Shutdown.
4
CTL(2)
Switch B Control Input: Logic-Compatible, Active-Low or Active-High. TTL Input
5
OUT(2)
Switch B Output: Drain of MOSFET for Output. Usually, Connected to Load
6
GND
Power Ground.
7
IN
Power Supply Input.
8
OUT(1)
Switch A Output: Drain of MOSFET for Output. Usually, Connected to Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com