Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2175XG-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US2175XG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2175XG-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button US2175XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 8Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 9Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
US2175
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-403.C
TYPICAL APPLICATION CIRCUIT
CTL(2)
GND
OUT(2)
FLG(2)
FLG(1)
CTL(1)
OUT(1)
IN
US2175
VIN
ON/OFF
USB Controller
Overcurrent
Overcurrent
GND
ON
GND
IN
OUT
LR1116B
GND
VBUS
D+
D-
GND
D-
D+
VBUS
Ferrite
Bead
4.50V ~ 5.25V
Upstream VBUS
100mA max
GND
VBUS
D+
D-
1μF
33μF
+
+
VCC
5.0V
10k
10k
USB
Port1
USB
Port2
DATA
(Two Pair)
to USB Controller
DATA
1μF
0.1μF
0.01μF
33μF
0.01μF
33μF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com