Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US16855G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US16855G-S08-R
Description  DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US16855G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US16855G-S08-R Datasheet HTML 1Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 2Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 3Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 4Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 5Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 6Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 7Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US16855
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-558.a
ABSOLUTE MAXIMUM RATING (TA=25°C, Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
–0.3 ~ +6
V
Flag Voltage
VFLG
–0.3 ~ +6
V
Control Input Voltage
VCTL
–0.3 ~ +6
V
Output Voltage
VOUT
VIN+ 0.3
V
Flag Current
IFLG
50
mA
+0.5
DC
VIN= VCTL=5 V
–0.1
Output Current
Pulse Width ≤100μs Single Pulse
IOUT
+3
A
Power Dissipation
PD
300
mW
Operating Temperature
TA
–40 ~ +85
°C
Storage Temperature
TSTG
–55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The thermal shutdown circuit (operating temperature is more than 150 °C typ.) builds in this product.
RECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+4 ~ +5.5
V
Operating Temperature
TA
0 ~ +70
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, VIN = +5V, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
VCTL= 0V (both pin 1 & pin 4),
OUT = open
1
5
μA
Circuit Current
IDD
VCTL= VIN, OUT = open
1
1.5
mA
Low-level Input Voltage
VIL
CTL Pin
1.0
V
High-level Input Voltage
VIH
CTL Pin
2.0
V
VCTL= 0V
0.01
1
μA
Input Current of CTL pin
ICTL
VCTL= VIN
0.01
1
μA
Output MOSFET On Resistance
RON
TA= 0 ~ +70 °C, IOUT= 500 mA
100
130
mΩ
Output Leak Current
IO LEAK
10
μA
Over Current Detect Threshold
ITH
TA= 0 ~ +70 °C
0.6
0.9
1.25
A
Flag Output Resistance
RONF
IL= 10 mA
10
25
Flag Leak Current
IO LEAK F
VFLAG= 5 V
0.01
1
μA
VIN: Up
2.2
2.5
2.8
V
VIN: Down
2.0
2.3
2.6
V
Operating Voltage of Under
Voltage Locked Out Circuit
VUVLO
Hysteresis
0.1
0.2
0.3
V
AC CHARACTERISTICS
Output Transition Rising Time
tRISE
RL= 10Ω each output
2.5
12
ms
Output Transition Falling Time
tFALL
RL= 10Ω each output
10
μs
Over Current Detect Delay Time
tOVER
5
20
μs
CTL Input Low-Level Time
tCTL
CTL : H→L→H
20
μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com