Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US16855G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US16855G-S08-R
Description  DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US16855G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  US16855G-S08-R Datasheet HTML 1Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 2Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 3Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 4Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 5Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 6Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 7Page - Unisonic Technologies US16855G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
US16855
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-558.a
FUNCTION DESCRIPTION(Cont.)
THERMAL SHUTDOWN
The UTC US16855 is internally protected against excessive power dissipation by thermal shutdown protection
circuit. If device junction temperature rise above approximately 150 , both switches are turned off, both fault FLAG
℃
outputs are activated, and they goes low. Hysteresis ensures that both switches turned off by thermal shutdown will
not be turned on again until the die temperature is reduced to 145 . When the thermal shutd
℃
own circuit is activated,
the output pins are in the OFF status. However, the UTC US16855 enters the standby status when CTL pins are all
inactive.
5V
5V
GND
GND
GND
5V
IN (Input)
Flg (Output)
CTL (Input)
OUT (Output)
Thermal shutdown operating
temperature (up)
Thermal shutdown operating
temperature (down)
Non-stand-by
Stand-by
Tch
5V
GND
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com