Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US94060G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US94060G-AG6-R
Description  HIGH SIDE POWER SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US94060G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US94060G-AG6-R Datasheet HTML 1Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 2Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 3Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 4Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 5Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US94060
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
Ver.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+6
V
Enable Voltage
VEN
+6
V
TA= 25°C
±2
Continuous Drain Current (Note 3)
TA= 85°C
ID
±1.4
A
Pulsed Drain Current (Note 5)
IDP
±6
A
Continuous Diode Current (Note 7)
IS
-50
mA
Power Dissipation (Note 3)( TA= 85°C)
PD
270
mW
Operating Ratings
(Note 2)
Input Voltage Range
VIN
+1.8 ~ +5.5
V
Junction Temperature
TJ
+150
°C
Storage Temperature (Note 4)
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 3)
θJA
240
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Static
EN Threshold Voltage
VTHD(EN)) VIN= 1.8V ~ 4.5V, ID= -250µA
0.5
1.2
V
EN Input Current (Quiescent Current)
IQ(EN)
VIN= VEN= 5.5V
2
4
µA
OFF State Leakage Current
ILEAK
VEN= OPEN or 0V, VIN= +5.5V
1
µA
VIN= 4.5V, ID= -100 mA, VEN= 1.5V
175
200
VIN= 3.6V, ID= -100 mA, VEN= 1.5V
185
215
VIN= 2.5V, ID= -100 mA, VEN= 1.5V
205
245
P-Channel Drain-Source
On-Resistance
RDS(ON)
VIN= 1.8V, ID= -100 mA, VEN= 1.5V
270
325
mΩ
Dynamic
(Note 6)
Turn-ON Delay Time
tD(ON)
VIN= 3.6V, ID= -100mA, VEN= 1.5V
850
1500
ns
Turn-ON Rise Time
tR
VIN= 3.6V, ID= -100mA, VEN= 1.5V
0.5
1
5
µs
Turn-OFF Delay Time
tD(OFF)
VIN= 3.6V, ID= -100mA, VEN= 1.5V
100
150
ns
Turn-OFF Fall Time
tF
VIN= 3.6V, ID= -100mA, VEN= 1.5V
60
100
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com