Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US94060G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US94060G-AG6-R
Description  HIGH SIDE POWER SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US94060G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US94060G-AG6-R Datasheet HTML 1Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 2Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 3Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 4Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 5Page - Unisonic Technologies US94060G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US94060
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-382.A
HIGH SIDE POWER SWITCHES
DESCRIPTION
The UTC US94060 are high-side load switches incorporating a low
on-resistance P-channel MOSFET which provides customers over 2A
continuous current.
The UTC US94060 is characterized by a fast turn on function. The
UTC US94060 keeps in a floating state when an active pull-down
signals is on the enable input until a high level signal applies on the EN
pin. Built-in level shift circuitry allows low voltage logic signals to switch
to higher supply voltages, on the contrary, high level logic signals can
control low level voltages.
The UTC US94060’s operating voltage varies from 1.8V ~ 5.5V
which makes these devices suitable for 1-cell Lithium ion and 2- to
3-cell NiMH/NiCad/Alkaline powered systems as well as all 5V
applications. The 2µA low operating current and low shutdown
current(less than1µA) make the battery life longer.
The UTC US94060 is generally suitable for applications, such as
load switch in portable devices: cellular phones, PDAs, MP3 players,
digital Cameras, portable instrumentation, battery switch-over circuits
and level translators.
FEATURES
* Operating voltage range:1.8V ~ 5.5V
* Providing 2A continuous operating current
* P-channel MOSFET’s RON : 175mΩ typical
* Built-in level shift for control logic
* Quiescent current is as low as 2µA
* Micro-power shutdown less than 1µA
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
US94060G-AG6-R
SOT-26
Tape Reel


Similar Part No. - US94060G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US94060G-AG6-R UTC-US94060G-AG6-R Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
More results

Similar Description - US94060G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
High Side Power Switches
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
Dual High Side Power Switches
MIC94064 MICREL-MIC94064 Datasheet
578Kb / 8P
High Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
US94061 UTC-US94061 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060_10 Datasheet
684Kb / 11P
High Side Power Switches
logo
Unisonic Technologies
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Richtek Technology Corp...
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
High Side Power Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com