Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL1650G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # USL1650G-S08-R
Description  HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL1650G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  USL1650G-S08-R Datasheet HTML 1Page - Unisonic Technologies USL1650G-S08-R Datasheet HTML 2Page - Unisonic Technologies USL1650G-S08-R Datasheet HTML 3Page - Unisonic Technologies USL1650G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USL1650
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R125-029.c
PIN CONFIGURATIONS
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power supply.
2
VIN
Power MOS drain.
3
ACTL
Analog dimming control.
4
VC
Compensation pin.
5
SENSE
LED current sense input pin.
6
GND
Ground of the chip.
7, 8
NC
BLOCK DIAGRAM
VCC
SENSE
VC
ACTL
GND
VIN
UVLO
+
-
17V/7.5V
VCCOVP
+
-
35V
CC
+
-
VREF
+
-
Current
Waveform
modulation
Dimming
Function
+
-
OSC
VCC OK
Internal Bias
& Vref
All Blocks
EN
Driver
stage
R
R
S
Q
1
2
3
4
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com