Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL1650G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USL1650G-S08-R
Description  HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL1650G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USL1650G-S08-R Datasheet HTML 1Page - Unisonic Technologies USL1650G-S08-R Datasheet HTML 2Page - Unisonic Technologies USL1650G-S08-R Datasheet HTML 3Page - Unisonic Technologies USL1650G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USL1650
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R125-029.c
HIGH EFFICIENCY PWM
BUCK LED DRIVER
CONTROLLER
DESCRIPTION
The UTC USL1650 is a PWM mode step-down converter (with
a high voltage power MOSFET with SOP8 package). By well
regulating a constant output current. The output duty cycle of the
UTC USL1650 can be up to 100% for wider input voltage
application.
The UTC USL1650 is available in a SOP-8 package.
FEATURES
* Universal input voltage range with off-line topology
* Programmable constant LED current
* Output LED string short protection
* Output LED string open protection
* Dimmable LED current by ACTL
* OCP
* Built-in OTP
ORDERING INFORMATION
Ordering Number
Package
Packing
USL1650G-S08-R
SOP-8
Tape Reel
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
USL1650G-S08-R
(1)Packing Type.
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - USL1650G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL1601 UTC-USL1601 Datasheet
174Kb / 6P
CONSTANT CURRENT CONTROLLER
USL1601G-S08-R UTC-USL1601G-S08-R Datasheet
174Kb / 6P
CONSTANT CURRENT CONTROLLER
USL1602 UTC-USL1602 Datasheet
179Kb / 7P
CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
USL1602G-D08-T UTC-USL1602G-D08-T Datasheet
179Kb / 7P
CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
USL1602L-D08-T UTC-USL1602L-D08-T Datasheet
179Kb / 7P
CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
More results

Similar Description - USL1650G-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Unisonic Technologies
ULD3380 UTC-ULD3380 Datasheet
169Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Diodes Incorporated
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Richtek Technology Corp...
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com