Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX712C/D Datasheet HTML 7Page - Maxim Integrated Products MAX712C/D Datasheet HTML 8Page - Maxim Integrated Products MAX712C/D Datasheet HTML 9Page - Maxim Integrated Products MAX712C/D Datasheet HTML 10Page - Maxim Integrated Products MAX712C/D Datasheet HTML 11Page - Maxim Integrated Products MAX712C/D Datasheet HTML 12Page - Maxim Integrated Products MAX712C/D Datasheet HTML 13Page - Maxim Integrated Products MAX712C/D Datasheet HTML 14Page - Maxim Integrated Products MAX712C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
______________________________________________________________________________________
11
The MAX712/MAX713 internally set the trickle-charge
current by increasing the current amplifier gain (Figure
6), which adjusts the voltage across RSENSE (see
Trickle-Charge VSENSE in the Electrical Characteristics
table).
Nonstandard Trickle-Charge
Current Example
Configuration:
Typical Operating Circuit
2 x Panasonic P-50AA 500mAh AA NiCd batteries
C/3 fast-charge rate
264-minute timeout
Negative voltage-slope cutoff enabled
Minimum DC IN voltage of 6V
Settings:
Use MAX713
PGM0 = V+, PGM1 = open, PGM2 = BATT-,
PGM3 = BATT-, RSENSE = 1.5Ω (fast-charge current,
IFAST = 167mA), R1 = (6V - 5V) / 5mA = 200Ω
Since PGM3 = BATT-, the voltage on RSENSE is regulat-
ed to 31.3mV during trickle charge, and the current is
20.7mA. Thus the trickle current is actually C/25, not
C/16.
Further Reduction of Trickle-Charge
Current for NiMH Batteries
The trickle-charge current can be reduced to less than
C/16 using the circuit in Figure 7. In trickle charge,
some of the current will be shunted around the battery,
since Q2 is turned on. Select the value of R7 as follows:
R7 = (VBATT + 0.4V) / (lTRlCKLE - IBATT)
where
VBATT = battery voltage when charged
ITRlCKLE = MAX712/MAX713 trickle-charge
current setting
IBATT = desired battery trickle-charge current
Regulation Loop
The regulation loop controls the output voltage between
the BATT+ and BATT- terminals and the current
through the battery via the voltage between BATT- and
GND. The sink current from DRV is reduced when the
output voltage exceeds the number of cells times
VLIMIT, or when the battery current exceeds the pro-
grammed charging current.
For a linear-mode circuit, this loop provides the following
functions:
1) When the charger is powered, the battery can be
removed without interrupting power to the load.
2) If the load is connected as shown in the
Typical
Operating Circuit, the battery current is regulated
regardless of the load current (provided the input
power source can supply both).
Voltage Loop
The voltage loop sets the maximum output voltage
between BATT+ and BATT-. If VLIMIT is set to less than
2.5V, then:
Maximum BATT+ voltage (referred to BATT-) = VLIMIT x
(number of cells as determined by PGM0, PGM1)
VLIMIT should be set between 1.9V and 2.5V. If VLIMIT
is set below the maximum cell voltage, proper
termination of the fast-charge cycle might not occur.
Cell voltage can approach 1.9V/cell, under fast charge,
in some battery packs. Tie VLIMIT to VREF for normal
operation .
With the battery removed, the MAX712/MAX713 do not
provide constant current; they regulate BATT+ to the
maximum voltage as determined above.
OPEN
2C
IFAST/32
Fast-Charge Rate
Trickle-Charge
Current (ITRICKLE)
V+
4C
IFAST/64
BATT-
C/2
IFAST/8
PGM3
REF
C
IFAST/16
Table 5. Trickle-Charge Current
Determination from PGM3
MAX712
MAX713 FASTCHG
RSENSE
BATTERY
R7
Q2
10k
V+
10k
DRV
D1
Q1
DC IN
GND
Figure 7. Reduction of Trickle Current for NiMH Batteries
(linear mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com