Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX712C/D Datasheet HTML 10Page - Maxim Integrated Products MAX712C/D Datasheet HTML 11Page - Maxim Integrated Products MAX712C/D Datasheet HTML 12Page - Maxim Integrated Products MAX712C/D Datasheet HTML 13Page - Maxim Integrated Products MAX712C/D Datasheet HTML 14Page - Maxim Integrated Products MAX712C/D Datasheet HTML 15Page - Maxim Integrated Products MAX712C/D Datasheet HTML 16Page - Maxim Integrated Products MAX712C/D Datasheet HTML 17Page - Maxim Integrated Products MAX712C/D Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
______________________________________________________________________________________
15
Linear-Mode, High Series Cell Count
The absolute maximum voltage rating for the BATT+ pin
is higher when the MAX712/MAX713 are powered on. If
more than 11 cells are used in the battery, the BATT+
input voltage must be limited by external circuitry when
DC IN is not applied (Figure 15).
Efficiency During Discharge
The current-sense resistor, RSENSE, causes a small
efficiency loss during battery use. The efficiency loss is
significant only if RSENSE is much greater than the
battery stack’s internal resistance. The circuit in Figure
16 can be used to shunt the sense resistor whenever
power is removed from the charger.
Status Outputs
Figure 17 shows a circuit that can be used to indicate
charger status with logic levels. Figure 18 shows a
circuit that can be used to drive LEDs for power and
charger status.
Q1
D1
R2
150
Ω
DC IN
33k
Q2
500
Ω
DRV
BATT+
TO
BATTERY
POSITIVE
TERMINAL
MAX712
MAX713
Figure 15. Cascoding to Accommodate High Cell Counts for
Linear-Mode Circuits
100k
100k
MAX712
MAX713
D1
V+
GND
RSENSE
>4 CELLS
LOW RON
LOGIC LEVEL
N-CHANNEL
POWER
MOSFET
*
*
Figure 16. Shunting RSENSE for Efficiency Improvement
10k
VCC
OV = NO POWER
5V = POWER
OV = FAST
VCC = TRICKLE OR
NO POWER
MAX712
MAX713
V+
FASTCHG
MAX712
MAX713
Figure 17. Logic-Level Status Outputs
V+
MAX712
MAX713
R1
470
ΩMIN
FASTCHG
DC IN
CHARGE POWER
FAST CHARGE
Figure 18. LED Connection for Status Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com