Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX730AC/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX730AC/D
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX730AC/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX730AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 14Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 15Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
5V, Step-Down,
Current-Mode PWM DC-DC Converters
14
______________________________________________________________________________________
1
2
3
4
8
7
6
5
V+
LX
GND
OUT
CC
SS
REF
SHDN
SO
MAX730A
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
V+
LX
LX
N.C.
REF
V+
MAX738A
MAX744A
LX
GND
GND
OUT
CC
SS
N.C.
N.C.
Wide SO
SHDN
____Pin Configurations (continued)
__Ordering Information (continued)
PART
TEMP. RANGE
PIN-PACKAGE
MAX738ACPA
0°C to +70°C
8 Plastic DIP
MAX738ACWE
0°C to +70°C
16 Wide SO
MAX738AC/D
0°C to +70°C
Dice*
MAX738AEPA
-40°C to +85°C
8 Plastic DIP
MAX738AEWE
-40°C to +85°C
16 Wide SO
MAX738AMJA
-55°C to +125°C
8 CERDIP
MAX744ACPA
0°C to +70°C
8 Plastic DIP
MAX744ACWE
0°C to +70°C
16 Wide SO
MAX744AC/D
0°C to +70°C
Dice*
MAX744AEPA
-40°C to +85°C
8 Plastic DIP
MAX744AEWE
-40°C to +85°C
16 Wide SO
MAX744AMJA
-55°C to +125°C
8 CERDIP
*Contact factory for dice specifications.
__________________________________________________________Chip Topographies
LX
GND
REF
SS
SHDN
V+
OUT
CC
0.131"
(3.327mm)
0.116"
(2.946mm)
LX
GND
REF
SS
SHDN
V+
OUT
CC
0.116"
(2.946mm)
0.072"
(1.828mm)
MAX730A
MAX738A/MAX744A
TRANSISTOR COUNT: 274 (MAX730A)
286 (MAX738A/MAX744A);
SUBSTRATE CONNECTED TO V+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com