Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX730AC/D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX730AC/D
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX730AC/D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX730AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 14Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 15Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
5V, Step-Down,
Current-Mode PWM DC-DC Converters
___________________________________________Package Information (continued)
C
A
D
B1
B
DIM
A
B
B1
B2
C
D
E
E1
e
L
L1
Q
S
S1
α
MIN
–
0.014
0.038
0.023
0.008
–
0.220
0.290
0.125
0.150
0.015
–
0.005
0˚
MAX
0.200
0.023
0.065
0.045
0.015
0.405
0.310
0.320
0.200
–
0.060
0.055
–
15˚
MIN
–
0.36
0.97
0.58
0.20
–
5.59
7.37
3.18
3.81
0.38
–
0.13
0˚
MAX
5.08
0.58
1.65
1.14
0.38
10.29
7.87
8.13
5.08
–
1.52
1.40
–
15˚
INCHES
MILLIMETERS
Q
L
S1
e
21-326D
8-PIN CERAMIC
DUAL-IN-LINE
PACKAGE
α
S
L1
E
E1
2.54 BSC
0.100 BSC
B2
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.093
0.004
0.014
0.009
0.398
0.291
0.394
0.010
0.016
0˚
MAX
0.104
0.012
0.019
0.013
0.413
0.299
0.419
0.030
0.050
8˚
MIN
2.35
0.10
0.35
0.23
10.10
7.40
10.00
0.25
0.40
0˚
MAX
2.65
0.30
0.49
0.32
10.50
7.60
10.65
0.75
1.27
8˚
INCHES
MILLIMETERS
α
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-589B
16-PIN PLASTIC
SMALL-OUTLINE
(WIDE)
PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com