Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

701269-RVLL-MB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 701269-RVLL-MB
Description  Everyday standard face lit solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701269-RVLL-MB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  701269-RVLL-MB Datasheet HTML 1Page - List of Unclassifed Manufacturers 701269-RVLL-MB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VL Plus LED lighting system is based on proven SloanLED channel letter module design
and performance. VL Plus offers a variety of solutions and a wide selection of colors.
• Two red sizes: Long and Short
• Shorts are available in 5 bright colors
• Constant Current Technology (CCT)
Specifications
Part number
Long
Red
701269-RVLL-MB
Short
Red
701269-RVLS-MB
Orange
701269-ORSA1-MB
Yellow
701269-YLSA1-MB
Green
701269-GRSA1-MB
Blue
701269-BLSA1-MB
Dimensions L × W × H
Long
3.45 in × 0.49 in × 0.37 in
Short
2.35 in × 0.49 in × 0.37 in
Viewing angle
120°
LEDs per module
3
Modules per foot
Long
2
Short
2.5
Maximum coverage per row
Can depth
Coverage
5 in
5 in
Operating temperature
-40° C to +70° C
Protection class
IP66
Power per module
Long
Red
0.36 W
Short
Red,Orange,Yellow
0.29 W
Green,Blue
0.36 W
Efficacy
Red
31 lm/W
Orange
45 lm/W
Yellow
28 lm/W
Green
86 lm/W
Blue
25 lm/W
Power capacity
Per SloanLED 60 W 12 VDC power supply:
Long
Red
150 modules
Short
Red,Orange,Yellow
187 modules
Green,Blue
150 modules
Fastening
Peel-n-stick and mechanical
Packaging
5 trays per carton
Long
25 ft (50 modules) per tray
Short
30 ft (75 modules) per tray
VL Plus Colors
Everyday standard face lit solutions
VL Plus Long
2 modules per foot
VL Plus Short
2.5 modules per foot


Similar Part No. - 701269-RVLL-MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701269-R5-MB ETC2-701269-R5-MB Datasheet
279Kb / 1P
High output red solution
701269-RLP-MB ETC2-701269-RLP-MB Datasheet
278Kb / 2P
Versatile LED lighting system
More results

Similar Description - 701269-RVLL-MB

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
M08 GAMEWELL-FCI-M08 Datasheet
89Kb / 1P
Mini-Annunciators Back-Lit
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
LED solutions
logo
List of Unclassifed Man...
RTN250 ETC-RTN250 Datasheet
317Kb / 1P
LIT EPIP E짰 FOR SUR FACE MOU NT AND STA NDAR D LEDs
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
Thermoelectric Solutions
logo
List of Unclassifed Man...
701269-6WLA2-MB ETC2-701269-6WLA2-MB Datasheet
374Kb / 2P
Everyday standard face lit solutions
701269-WVLL-MB ETC2-701269-WVLL-MB Datasheet
362Kb / 1P
Everyday standard face lit solutions
636 ETC2-636 Datasheet
61Kb / 1P
Bright back lit LCD
logo
LUMEX INC.
SSB-CEL2718UWW LUMEX-SSB-CEL2718UWW Datasheet
109Kb / 1P
Custom Edge LIT, LED BACKLIGHT
logo
LG Semicon Co.,Ltd.
19MB35PM-B LG-19MB35PM-B Datasheet
673Kb / 2P
5:4 IPS Monitor LED Back-lit
March 2014
logo
Precid-Dip Durtal SA
0900-CLIP PREDIP-0900-CLIP Datasheet
867Kb / 6P
PRECISE, RELIABLE, AND COST EFFECTIVE STANDARD SOLUTIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com