Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

701269-RVLL-MB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 701269-RVLL-MB
Description  Everyday standard face lit solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701269-RVLL-MB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  701269-RVLL-MB Datasheet HTML 1Page - List of Unclassifed Manufacturers 701269-RVLL-MB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5725 Olivas Park Drive • Ventura, California 93003 • 805.676.3200 Fax 805.676.3206 • SloanLED.com • info@SloanLED.com
© 2015 SloanLED Rev C 2015-03-26
SloanLED channel letter products are covered by US and foreign patents pending and covered by
one or more of the following US patents issued: 6,932,495, 7,160,140, 7,241,031, 7,520,771, 7,931,386 and European Patent No. 1756471
Specifications cont’d
Size
Color
Part number
Nominal
wavelength
Lumens per
module (nominal)
Long Red
701269-RVLL-MB
625 nm
11
Short
Red
701269-RVLS-MB
625 nm
9
Orange 701269-ORSA1-MB
610 nm
13
Yellow
701269-YLSA1-MB
590 nm
8
Green
701269-GRSA1-MB
528 nm
31
Blue
701269-BLSA1-MB
470 nm
9
VL Plus Colors
Everyday standard face lit solutions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com