Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTPT150 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTPT150
Description  UL recognition file number E320098
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTPT150 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTPT150 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Three-phase bridge and a thyristor
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 470g (16.6 ozs)
150A
VRRM
800V to 1600V
1.3V
20 µA
150ºC
IFSM
IR
V
/
FM VTM
SEMICONDUCTOR
RoHS
RoHS
Three-Phase Bridge + Thyristor, 150A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
ADVANTAGE
TJ max.
1460A
MTPT15008 Thru MTPT15016
Isolation voltage up to 2500V
International standard package
MTPT150
108
93
13.5
22
22
22
28
22
20
M4
6-M6
4
- 6.2
All dimensions in millimeters
12
+
-
R2
G
+
-
R2
R
G
S
T
Applications
lnverter for AC or DC motor control
Current stablilzed power supply
Switching power supply
Page 1 of 5
www.nellsemi.com


Similar Part No. - MTPT150

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTPT150 NELLSEMI-MTPT150 Datasheet
697Kb / 5P
Three-Phase Bridge Thyristor,
MTPT15008 NELLSEMI-MTPT15008 Datasheet
697Kb / 5P
Three-Phase Bridge Thyristor,
MTPT15012 NELLSEMI-MTPT15012 Datasheet
697Kb / 5P
Three-Phase Bridge Thyristor,
MTPT15016 NELLSEMI-MTPT15016 Datasheet
697Kb / 5P
Three-Phase Bridge Thyristor,
MTPT150 NELLSEMI-MTPT150_17 Datasheet
697Kb / 5P
Three-Phase Bridge Thyristor,
More results

Similar Description - MTPT150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB2S-LB10S ETC2-LB2S-LB10S Datasheet
125Kb / 2P
This series is UL recognized under Component Index file number E239431
logo
Shenzhen Luguang Electr...
MB1S LUGUANG-MB1S Datasheet
173Kb / 2P
This series is UL recognized under Component Index, file number E239431
MB05S LUGUANG-MB05S Datasheet
173Kb / 2P
This series is UL recognized under Component Index, file number E239431
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
UL recognition file number E320098
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
Meets UL Class B 130C UL File number E349541
AEFD153-4204 ALLIED-AEFD153-4204 Datasheet
1Mb / 2P
Built to meet UL Class B 130 File Number E349541
AEFD153-4211 ALLIED-AEFD153-4211 Datasheet
1Mb / 2P
Built to meet UL Class B 130 File Number E349541
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
EW15 Transformer, Meet UL Class B 130C UL File number E349541
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF Datasheet
152Kb / 7P
UL approved file E222165
19-Mar-15
logo
Shanghai Leiditech Elec...
D2UB05 LEIDITECH-D2UB05 Datasheet
1Mb / 3P
UL recognition, file #E230084
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com