Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX749 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX749
Description  Digitally Adjustable LCD Bias Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX749 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX749 Datasheet HTML 1Page - Maxim Integrated Products MAX749 Datasheet HTML 2Page - Maxim Integrated Products MAX749 Datasheet HTML 3Page - Maxim Integrated Products MAX749 Datasheet HTML 4Page - Maxim Integrated Products MAX749 Datasheet HTML 5Page - Maxim Integrated Products MAX749 Datasheet HTML 6Page - Maxim Integrated Products MAX749 Datasheet HTML 7Page - Maxim Integrated Products MAX749 Datasheet HTML 8Page - Maxim Integrated Products MAX749 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA = TMIN to TMAX
MIN
MAX
125
300
Digitally Adjustable LCD Bias Supply
2
______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
V+ ................................................................................-0.3V, +7V
CTRL, ADJ, FB, DLOW, DHI, CS.....................-0.3V, (V+ + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Ranges:
MAX749C_A........................................................0°C to +70°C
MAX749E_A .....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(2V < V+ < 6V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The device is in regulation when VFB = 0V (see Figures 3 - 6).
Note 2: These tests performed at V+ = 3.3V. Operation over supply range is guaranteed by supply rejection test of full-count current.
Note 3: VIH is guaranteed by design to be 1.8V min for V+ = 2V to 6V for TA = TMIN to TMAX. VIL is guaranteed by design from
TA = TMIN to TMAX.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V+ Voltage
26
V
FB Source Current
IFBS
On power-up or reset, VFB = 0V (Note 1)
12.80
13.33
13.86
µA
Zero-Count FB Current
VFB = 0V
0.45
0.55
IFBS
Full-Count FB Current
VFB = 0V
1.43
1.53
IFBS
DAC Step Size (Note 2)
Monotonicity guaranteed, VFB = 0V
1.00
1.56
2.12
%IFBS
DAC Linearity (Note 2)
VFB = 0V
±1
%IFBS
Supply Rejection
V+ = 2V to 6V, full-count current
1.5
%IFBS
Switching Frequency
100 to 500
kHz
Logic Input Current
0V < VIN < V+, CTRL, ADJ
±100
nA
Logic High Threshold (Note 3)
VIH
CTRL, ADJ
1.6
V
Quiescent Current
60
µA
Shutdown Current
15
µA
V+ to CS Voltage
Current-limit trip voltage
110
140
180
mV
DHI Source Current
V+ = 2V, VDHI = 1V
24
50
mA
DHI Drive Level
No load
V+ - 50mV
V+
V
DLOW On Resistance
V+ = 2V, VDLOW = 0.5V
510
Ω
V
Logic Low Threshold (Note 3)
VIL
CTRL, ADJ
0.4
TIMING CHARACTERISTICS
TA = +25°C
MIN
TYP
MAX
PARAMETER
SYMBOL
CONDITIONS
UNITS
Minimum Reset Pulse Width
tR
V+ = 5V
100
Minimum Reset Setup
tRS
0
0
Minimum Reset Hold
tRH
Not tested
0
0
tSH
V+ = 2V
15
85
100
Minimum ADJ High Pulse Width
V+ = 5V
10
85
100
tSL
V+ = 2V
170
400
500
Minimum ADJ Low Pulse Width
V+ = 5V
60
150
200
Minimum ADJ Low to CTRL Low
tSD
V+ = 2V
70
200
250
V+ = 5V
20
85
100
ns
V+ = 2V
400
25
85
Not tested
ns
ns
ns
ns
ns
FB Offset Voltage
±15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com