Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX749 Datasheet (PDF) - Maxim Integrated Products

MAX749 Datasheet PDF - Maxim Integrated Products
Part # MAX749
Download  MAX749 Download
File Size   105.77 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Adjustable LCD Bias Supply

MAX749 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX749 Datasheet PDF - Maxim Integrated Products

Part # MAX749
Download  MAX749 Click to download

File Size   105.77 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Adjustable LCD Bias Supply

MAX749 Datasheet (HTML) - Maxim Integrated Products


MAX749 Product details

General Description
The MAX749 generates negative LCD-bias contrast voltages from 2V to 6V inputs. Full-scale output voltage can be scaled to -100V or greater, and is digitally adjustable in 64 equal steps by an internal digital-to-analog converter (DAC). Only seven small surfacemount components are required to build a complete supply. The output voltage can also be adjusted using a PWM signal or a potentiometer.

Features
♦ +2.0V to +6.0V Input Voltage Range
♦ Flexible Control of Output Voltage:
   Digital Control
   Potentiometer Adjustment
   PWM Control
♦ Output Voltage Range Set by One Resistor
♦ Low, 60µA Max Quiescent Current
♦ 15µA Max Shutdown Mode
♦ Small Size – 8-Pin SO and Plastic DIP Packages

Applications
   Notebook Computers
   Laptop Computers
   Palmtop Computers
   Personal Digital Assistants
   Communicating Computers
   Portable Data-Collection Terminals




Similar Part No. - MAX749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Analog Devices
MAX7490 AD-MAX7490 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1
logo
Maxim Integrated Produc...
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
More results


Similar Description - MAX749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1932 MAXIM-MAX1932 Datasheet
399Kb / 16P
Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Rev 1; 12/02
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
Linear Technology
LTC3524 LINER-LTC3524 Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
logo
Linear Technology
LTC3524 LINER-LTC3524_15 Datasheet
266Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
Integrated LCD Bias Power Supply
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
30V Internal Switch LCD Bias Supply
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com