Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1620 Datasheet (PDF) - Maxim Integrated Products

MAX1620 Datasheet PDF - Maxim Integrated Products
Part # MAX1620
Download  MAX1620 Download
File Size   253.86 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Adjustable LCD Bias Supplies

MAX1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1620 Datasheet PDF - Maxim Integrated Products

Part # MAX1620
Download  MAX1620 Click to download

File Size   253.86 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Adjustable LCD Bias Supplies

MAX1620 Datasheet (HTML) - Maxim Integrated Products


MAX1620 Product details

General Description
The MAX1620/MAX1621 convert a 1.8V to 20V battery voltage to a positive or negative LCD backplane bias voltage. Backplane bias voltage can be automatically disabled when the display logic voltage is removed, protecting the display. These devices use very little PC board area, come in ultra-small QSOP packages, and require only small, low-profile external components.

Features
♦ 1.8V to 20V Battery Input Voltage
♦ Automatic Disable when Display Logic
   is Shut Down
♦ Extremely Small QSOP Package
♦ 32-Level Internal DAC
♦ SMBus Serial Interface (MAX1621)
♦ Positive or Negative Output Voltage

Applications
   Notebook Computers
   Palmtop Computers
   Personal Digital Assistants
   Portable Data-Collection Terminals




Similar Part No. - MAX1620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX162 MAXIM-MAX162 Datasheet
619Kb / 16P
Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX162-MX7572 MAXIM-MAX162-MX7572 Datasheet
619Kb / 16P
Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1623 MAXIM-MAX1623 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623EAP MAXIM-MAX1623EAP Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
More results


Similar Description - MAX1620

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX1610 MAXIM-MAX1610 Datasheet
137Kb / 20P
Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
Digitally Adjustable Voltage References
Jul 01, 2001
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
logo
M/A-COM Technology Solu...
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
Variable Gain with Adjustable Bias
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
TPS61045 Digitally Adjustable Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
Digitally Adjustable Boost Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com