Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX753C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX753C/D
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX753C/D Datasheet HTML 7Page - Maxim Integrated Products MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products MAX753C/D Datasheet HTML 10Page - Maxim Integrated Products MAX753C/D Datasheet HTML 11Page - Maxim Integrated Products MAX753C/D Datasheet HTML 12Page - Maxim Integrated Products MAX753C/D Datasheet HTML 13Page - Maxim Integrated Products MAX753C/D Datasheet HTML 14Page - Maxim Integrated Products MAX753C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
______________________________________________________________________________________
11
Table 3. Spreadsheet Design Equations
T1 Center-Tap Peak Voltage
PARAMETER
SYMBOL
MIN
TYP
MAX
VTAP,PK
Strike Voltage (VS)
VS,RMS
1100
1500
= -SQRT(2) * ILAMP,RMS(max) /
(CBAL * w * SIN(phi)) / n
Discharging Tube Voltage (VL)
VLAMP,RMS
435
Bias Voltage
VLCD
= VLCD(max) / 2
32.6
Output Current
ILCD
0.0245
T1 Turns Ratio (Sec/Pri)
n
171
T1 Resonating Inductance
LMAG
0.000045
C9 Value
CRES
2.2E-07
C10 Value
CBAL
1.5E-11
Royer Frequency
w
= SQRT [1 / (LMAG * CRES)]
Reference Voltage
VREF
1.25
Second Volts Constant
sV
0.000008
2.4E-05
R8 Current-Sensing Resistor
R8
= PI() * VREF * SQRT(2) /
(2 * ILAMP,RMS(max))
Secondary Voltage Phase vs. Tube
Voltage
phi
= ATAN (-ILAMP,RMS(max) /
(CBAL * w * + VLAMP,RMS)
Secondary Limit Voltage
VLIM
= VS,RMS(max) * 0.9
T1 Center-Tap Limit Peak Voltage
= SQRT(2) * VLIM / n
R5/R6
ROTP,RATIO
= VREF / (D25 - 0.6 - VREF)
VIN(min) Full-Load Switching Period
TFL
= sV(min) / VIN(min) + sV(min) /
(VLCD(max) - VIN(min))
L2 Inductance
L2
= L2(max) * 0.8
= sV(min) ^ 2 / (2 * TFL *
VLCD(max) * ILCD(min))
L2 Peak Currrent
= sV(max) / L2(min)
R4/R3
RLCD,RATIO
= VREF / (VLCD(max) - VREF)
Input Voltage
VIN
= (2 / PI()) * VTAP,PK
18
Discharging Tube Current (IL)
ILAMP,RMS
= 0.28 *
ILAMP,RMS(max)
0.005
CCFL Specifications
LCD Contrast Voltage Specifications
Royer Specifications
MAX754 Specifications
CCFL Circuit Calculations
LCD Circuit Calculations
Application Circuit Operating Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com