Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX753C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX753C/D
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products MAX753C/D Datasheet HTML 10Page - Maxim Integrated Products MAX753C/D Datasheet HTML 11Page - Maxim Integrated Products MAX753C/D Datasheet HTML 12Page - Maxim Integrated Products MAX753C/D Datasheet HTML 13Page - Maxim Integrated Products MAX753C/D Datasheet HTML 14Page - Maxim Integrated Products MAX753C/D Datasheet HTML 15Page - Maxim Integrated Products MAX753C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
______________________________________________________________________________________
15
MAX753
6-BIT DAC
PULSE-SKIP
COMPARATOR
16
13
R4
PRESET
6-BIT COUNTER
CLK
Q3
VDAC
LFB
7
REF
LDRV
14
LX
15
BATT
+5V INPUT
1
VDD
3
LON
6
GND
12
PGND
2
LADJ
C1
0.22
µF
L2
33
µH
BATTERY
INPUT
D8
1N5819
NEGATIVE
LCD-BIAS
OUTPUT
ON/OFF
CONTROL
ON-TIME
LOGIC
OFF-TIME
LOGIC
R3
C2
10
µF
C15
1
µF
R19
2.2
Ω
C6
10
µF
35V
ALTERNATE
D8 CONNECTION
(SEE TEXT)
C4
0.22
µF
D3
1N5819
VDD
Figure 8. MAX753 Negative LCD-Bias Generator
01
* DAC OUTPUT VOLTAGE = REF - LFB
625
635
645
2
DAC CODE
ZERO SCALE
MID SCALE
FULL SCALE
30 31 32
61 62 63
918
928
937
1220
1230
1240
Figure 9. MAX753 LCD DAC Transfer Function
The MAX753’s DAC transfer function is shown in Figure 9.
The following equation relates the switching regulator’s
regulated output voltage to the DAC’s voltage (REF - LFB):
The value REF - LFB (and not LFB) is specified in the
Electrical Characteristics. The most negative output
voltage occurs for the largest value of REF - LFB.
The MAX753’s combination boost converter and
charge-pump inverter was chosen over a conventional
buck-boost inverter because it allows the use of low-
cost N-channel MOSFETs instead of more expensive P-
channel ones. Additionally, its efficiency is 5% to 10%
better than a standard buck-boost inverter.
V
REF
1
R3
R4
REF
LFB
OUT =−
+


−
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com