Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSO28 Datasheet(PDF) 1 Page - International Rectifier

Part # LSO28
Description  28V Input, Single/Dual Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO28 Datasheet(HTML) 1 Page - International Rectifier

  LSO28 Datasheet HTML 1Page - International Rectifier LSO28 Datasheet HTML 2Page - International Rectifier LSO28 Datasheet HTML 3Page - International Rectifier LSO28 Datasheet HTML 4Page - International Rectifier LSO28 Datasheet HTML 5Page - International Rectifier LSO28 Datasheet HTML 6Page - International Rectifier LSO28 Datasheet HTML 7Page - International Rectifier LSO28 Datasheet HTML 8Page - International Rectifier LSO28 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
08/27/13
www.irf.com
1
Description
n 18 to 40V DC Input Range
n Total Ionization Dose > 100K Rad(Si)
n SEE Hardened to LET (Heavy Ions) up to
82 MeV•cm
2/mg (SEU, SEL, SEGB, SEGR)
n Internal EMI filter; Converter Capable of
meeting MIL-STD-461C CE03
n Derated per MIL-STD-1547, MIL-STD-975
and NASA EEE-INST-002
n Magnetically Coupled Feedback
n Up to 30W Output Power
n Single and Dual Output Models Include
1.5, 1.8, 2.5, 3.3, 5, 12, 15,
±5, ±12 and ±15V
n Remote Sense Compensation for Single
Output
n Latch-off Output Overvoltage Protection
n Input Current Telemetry
n Input Undervoltage Lockout with Latching
Mode Options
n
High Efficiency - to 81%
n 20MΩ @ 100VDC Isolation
n Undervoltage Protection
n Short Circuit and Overload Protection
n Adjustable Output Voltage
n Adjustable External OVP-115% to 125%
n External Inhibit
n Low Weight, < 125 grams
n 4000000 Hour MTBF (SF)
Features
Applications
The LSO Series of DC-DC converters are, high reliability
devices designed for hostile radiation hardened
environments. The design is based on the heritage-rich
LS Series with enhanced functional performance and
an inclusion of an output overvoltage protection. The
LSO Series provide up to 30 watts output power, small
size, low weight, integrated EMI filtering and a high
tolerance to environmental stresses such as radiation,
temperature extremes, mechanical shock, and vibration.
All components are fully de-rated to meet the requirements
of MIL-STD-1547, MIL-STD-975 and NASA EEE-INST-
002. Extensive documentation including, thermal
analysis, stress analysis and reliability predictions are
available.
The LSO Series of converters incorporate a fixed
frequency single forward topology with magnetic
feedback and an internal EMI filter. These converters
are capable of meeting the conducted emissions
requirements of MIL-STD-461C without any additional
components. All models include an external inhibit port
and have an adjustable output voltage. The converters
are overload, short circuit and output over-voltage
protected. They are enclosed in a hermetic 3.5" x 2.5" x
0.475" H steel package and weigh less than 125 grams.
The package utilizes rugged ceramic feed-through
copper core pins and is sealed using parallel seam
welding.
Variations in electrical specifications and screening to
meet custom requirements can be accommodated.
n Geo Synchronous Satellite
n Low Earth Orbit
n Deep Space Probe
n Communication and Display Systems
n Payload and Experiment LVPS
LSO SERIES
28V Input, Single/Dual Output
HYBRID-HIGH RELIABILITY
RADIATION HARDENED
DC-DC CONVERTER
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DLA
qualified processes. For available screening options,
refer to device screening table in the data sheet.
LSO
PD-97812


Similar Part No. - LSO28

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LSO2801R5D IRF-LSO2801R5D Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2801R5DEM IRF-LSO2801R5DEM Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2801R5S IRF-LSO2801R5S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2801R5SEM IRF-LSO2801R5SEM Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2802R5D IRF-LSO2802R5D Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - LSO28

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
28V Input, Single Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
28V Input, Single/Dual Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
28V Input, Triple Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com