Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSO28 Datasheet(PDF) 11 Page - International Rectifier

Part # LSO28
Description  28V Input, Single/Dual Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO28 Datasheet(HTML) 11 Page - International Rectifier

Back Button LSO28 Datasheet HTML 7Page - International Rectifier LSO28 Datasheet HTML 8Page - International Rectifier LSO28 Datasheet HTML 9Page - International Rectifier LSO28 Datasheet HTML 10Page - International Rectifier LSO28 Datasheet HTML 11Page - International Rectifier LSO28 Datasheet HTML 12Page - International Rectifier LSO28 Datasheet HTML 13Page - International Rectifier LSO28 Datasheet HTML 14Page - International Rectifier LSO28 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.irf.com
11
LSO SERIES
28V Input, Single/Dual Output
OVP External Adjustment:
Over-voltage Protection threshold of LSO singles and
duals can be adjusted to be greater or less the nominal
OVP with a couple of external resistors. Lower resistors,
R1 and R2 are 10K
Ω resistors, while Radj set the new
OVP threshold as stated in Table 6 for single output
models and Table 7 for dual output models. Ranges of
LSO series converter can be adjusted from 115% to
125% of the nominal output voltage. See Fig.8 to place
external resistors.
An approximate value of the resistor can be determined
using the following formula.
Where:
Radj is the upper external resistor in kilo-ohms, as shown
in Fig 8. Power rating of the resistor shall be
≥ 0.125 W. Metal film resistor with temperature
coefficient of
≤ ± 50 ppm and tolerance of ≤ 1% is
recommended. However, the final selection is dependent
on specific design requirements.
Vovp is the output voltage protection limit in volts.
A, B, C and D are unique constants depending on every
model.
Placement of Radj: Two external resistors must be
added in order to set new OVP threshold.
Singles: Radj(OVP) is placed across +Output and OVP
Adj pins and R1 from OVP Adj to -Output.
Duals: Radj(+OVP) is placed across +Output and +OVP
Adj pins and R1 from +OVP Adj to -Return. Radj(-OVP) is
placed across +Return and -OVP Adj pins while R2 is
placed across -OVP Adj to –Output.
Table 7. LSO Duals. OVP Exeternal
LSO2805DS
LSO2815D
Range
OVP
Radj
(K
Ω)
OVP
Radj
(K
Ω)
Vo* (115%)
5.75
26
17.25
101
Vo* (116%)
5.80
28
17.40
107
Vo* (117%)
5.85
30
17.55
113
Vo* (118%)
5.90
33
17.70
121
Vo* (119%)
5.95
36
17.85
128
Vo* (120%)
6.00
39
18.00
137
Vo* (121%)
6.05
43
18.15
146
Vo* (122%)
6.10
47
18.30
157
Vo* (123%)
6.15
51
18.45
169
Vo* (124%)
6.20
57
18.60
183
Vo* (125%)
6.25
64
18.75
199
Fig. 8 - OVP with External Adjustment
LSO2803R3S
LSO2805S
LSO2815S
Range
OVP
Radj
(K
Ω)
OVP
Radj
(K
Ω)
OVP
Radj
(K
Ω)
Vo* (115%)
3.79
13
5.75
26
17.25
102
Vo* (116%)
3.82
15
5.80
28
17.40
108
Vo* (117%)
3.86
16
5.85
31
17.55
114
Vo* (118%)
3.89
18
5.90
33
17.70
121
Vo* (119%)
3.92
20
5.95
36
17.85
128
Vo* (120%)
3.96
22
6.00
39
18.00
137
Vo* (121%)
3.99
25
6.05
42
18.15
146
Vo* (122%)
4.02
28
6.10
46
18.30
157
Vo* (123%)
4.05
31
6.15
51
18.45
168
Vo* (124%)
4.09
36
6.20
56
18.60
181
Vo* (125%)
4.12
41
6.25
63
18.75
197
Table 6. LSO Singles. OVP Exeternal
Stacking Outputs:
On dual output models, output can be stacked to double
the output voltage as shown in Fig 9.



2XWSXW
5HWXUQ
/62;;'
2XWSXW
/2$'


Fig. 9 - Stacked Outputs on Dual Models



Pˆ‡ƒˆ‡
PWQÃ6qw
/62;;6
Pˆ‡ƒˆ‡
5
N




Pˆ‡ƒˆ‡
/62;;'
PWQÃ6qw
PWQÃ6qw
Sr‡ˆ…

Pˆ‡ƒˆ‡
5
N
N
5
5DGM 293
5DGM 293
6,1*/(
'8$/
5DGM 293
(A V
)
R
* ovp
B
adj
=
-
(D V
)
ovp
C -
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com