Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX770ESA Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX770ESA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770ESA Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX770ESA Datasheet HTML 12Page - Maxim Integrated Products MAX770ESA Datasheet HTML 13Page - Maxim Integrated Products MAX770ESA Datasheet HTML 14Page - Maxim Integrated Products MAX770ESA Datasheet HTML 15Page - Maxim Integrated Products MAX770ESA Datasheet HTML 16Page - Maxim Integrated Products MAX770ESA Datasheet HTML 17Page - Maxim Integrated Products MAX770ESA Datasheet HTML 18Page - Maxim Integrated Products MAX770ESA Datasheet HTML 19Page - Maxim Integrated Products MAX770ESA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
The two most significant losses contributing to the
N-FET’s power dissipation are I2R losses and switching
losses. Select a transistor with low rDS(ON) and low
CRSS to minimize these losses.
Determine the maximum required gate-drive current
from the Qg specification in the N-FET data sheet.
The MAX773’s maximum allowed switching frequency
during normal operation is 300kHz; but at start-up the
maximum frequency can be 500kHz, so the maximum
current required to charge the N-FET’s gate is
f(max) x Qg(typ). Use the typical Qg number from the
transistor data sheet. For example, the Si9410DY has a
Qg(typ) of 17nC (at VGS = 5V), therefore the current
required to charge the gate is:
IGATE (max) = (500kHz) (17nC) = 8.5mA.
The bypass capacitor on V+ (C2) must instantaneously
furnish the gate charge without excessive droop (e.g.,
less than 200mV):
Qg
∆V+ = ——
C2
Continuing with the example,
∆V+ = 17nC/0.1µF = 170mV.
Use IGATE when calculating the appropriate shunt
resistor. See the
Shunt Regulator Operation section.
Figure 2a’s application circuit uses an MTD3055EL
logic-level N-FET with a guaranteed threshold voltage
(VTH) of 2V. Figure 2b’s application circuit uses an
8-pin Si9410DY surface-mount N-FET that has 50m
Ω
on resistance with 4.5V VGS, and a guaranteed VTH of
less than 3V.
NPN Transistors
The MAX773 can drive NPN transistors, but be
extremely careful when determining the base-current
requirements. Too little base current can cause exces-
sive power dissipation in the transistor; too much base
current can cause the base to oversaturate, so the tran-
sistor remains on continually. Both conditions can dam-
age the transistor.
When using the MAX773 with an NPN transistor, con-
nect EXTL to the transistor’s base, and connect RBASE
between EXTH and the base (Figure 8c).
To determine the required peak inductor current,
IC(PEAK), observe the Typical Operating Characteristics
efficiency graphs and the theoretical output current
capability vs. input voltage graphs to determine a
sense resistor that will allow the desired output current.
Divide the 170mV worst-case (smallest) voltage across
the current-sense amplifier VCS(max) by the sense-
resistor value. To determine IB, set the peak inductor
current (ILIM) equal to the peak transistor collector cur-
rent IC(PEAK). Calculate IB as follows:
IB = ILIM/ß
Use the worst-case (lowest) value for ß given in the
transistor’s electrical specification, where the collector
current used for the test is approximately equal to ILIM.
It may be necessary to use even higher base currents
(e.g., IB = ILIM /10), although excessive IB may impair
operation by extending the transistor’s turn-off time.
RBASE is determined by:
(VEXTH - VBE - VCS(min))
RBASE = ————————————–
IB
Where VEXTH is the voltage at V+ (in bootstrapped
mode VEXTH is the output voltage), VBE is the 0.7V
transistor base-emitter voltage, VCS(min) is the voltage
drop across the current-sense resistor, and IB is the
minimum base current that forces the transistor into
saturation. This equation reduces to (V+ - 700mV -
170mV) / IB.
For maximum efficiency, make RBASE as large as pos-
sible, but small enough to ensure the transistor is
always driven near saturation. Highest efficiency is
obtained with a fast-switching NPN transistor
(fT ≥ 150MHz) with a low collector-emitter saturation
voltage and a high current gain. A good transistor to
use is the Zetex ZTX694B.
Diode Selection
The MAX770–MAX773’s high switching frequency
demands a high-speed rectifier. Schottky diodes such
as the 1N5817–1N5822 are recommended. Make sure
that the Schottky diode’s average current rating
exceeds the peak current limit set by RSENSE, and that
its breakdown voltage exceeds VOUT. For high-temper-
ature applications, Schottky diodes may be inadequate
due to their high leakage currents; high-speed silicon
diodes may be used instead. At heavy loads and high
temperatures, the benefits of a Schottky diode’s low for-
ward voltage may outweigh the disadvantages of its
high leakage current.
Capacitor Selection
Output Filter Capacitor
The primary criterion for selecting the output filter
capacitor (C2) is low effective series resistance (ESR).
The product of the peak inductor current and the output
filter capacitor’s ESR determines the amplitude of the
ripple seen on the output voltage. An OS-CON 300µF,
6.3V output filter capacitor has approximately 50m
Ω of
ESR and typically provides 180mV ripple when
stepping up from 3V to 5V at 1A (Figure 2a).
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
______________________________________________________________________________________
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com