Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX770ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX770ESA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX770ESA Datasheet HTML 1Page - Maxim Integrated Products MAX770ESA Datasheet HTML 2Page - Maxim Integrated Products MAX770ESA Datasheet HTML 3Page - Maxim Integrated Products MAX770ESA Datasheet HTML 4Page - Maxim Integrated Products MAX770ESA Datasheet HTML 5Page - Maxim Integrated Products MAX770ESA Datasheet HTML 6Page - Maxim Integrated Products MAX770ESA Datasheet HTML 7Page - Maxim Integrated Products MAX770ESA Datasheet HTML 8Page - Maxim Integrated Products MAX770ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REF Load Regulation
0
µA ≤ IREF ≤ 100µA
MAX77_C/E
4
10
mV
MAX77_M
4
15
REF Line Regulation
3V
≤ V+ ≤ 16.5V
40
100
µV/V
FB Trip-Point Voltage
VFB
MAX77_C
1.4700
1.50
1.5300
V
MAX77_E
1.4625
1.50
1.5375
MAX77_M
1.4550
1.50
1.5450
FB Input Current
IFB
MAX77_C
±20
nA
MAX77_E
±40
MAX77_M
±60
SHDN Input High Voltage
VIH
V+ = 2.0V to 16.5V
1.6
V
SHDN Input Low Voltage
VIL
MAX77_C/E, V+ = 2.0V to 16.5V
0.4
V
SHDN Input Current
±1
µA
LBI Input Current
MAX773, V+ = 16.5V, LBI = 1.5V
±20
nA
LBI Hysteresis
MAX773
20
LBI Threshold Voltage
MAX773, LBI falling
MAX77_C
1.4700
1.50
1.5300
V
MAX77_E
1.4625
1.50
1.5375
MAX77_M
1.4550
1.50
1.5450
LBO Leakage Current
MAX773, V+ = 16.5V, VLBO = 16.5V
0.01
1.00
µA
LBO Output Voltage Low
VOL
MAX773, V+ = 5V, LBO sinking 1mA
0.1
0.4
V
V+ = 16.5V, SHDN = 0V or V+
mV
Current-Limit Trip Level
VCS
V+ = 5V to 16.5V
170
200
230
mV
VSHUNT
MAX773, ISHUNT = 1mA to 20mA,
SGND = 0V, CSHUNT = 0.1µF
5.5
6.3
V
CS Input Current
0.01
±1
µA
EXT Rise Time
V+ = 5V, 1nF from EXT to ground (Note 3)
55
ns
EXT Fall Time
V+ = 5V, 1nF from EXT to ground (Note 3)
55
ns
Supply Voltage in
Shunt Mode
Note 1: Output voltage guaranteed using preset voltages. See Figures 7a–7d for output current capability versus input voltage.
Note 2: Output voltage line and load regulation depend on external circuit components.
Note 3: For the MAX773, EXT is EXTH and EXTL shorted together.
LBI Delay
5mV overdrive
2.5
µs
MAX77_M, V+ = 2.0V to 16.5V
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com