Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX765ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX765ESA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX765ESA Datasheet HTML 1Page - Maxim Integrated Products MAX765ESA Datasheet HTML 2Page - Maxim Integrated Products MAX765ESA Datasheet HTML 3Page - Maxim Integrated Products MAX765ESA Datasheet HTML 4Page - Maxim Integrated Products MAX765ESA Datasheet HTML 5Page - Maxim Integrated Products MAX765ESA Datasheet HTML 6Page - Maxim Integrated Products MAX765ESA Datasheet HTML 7Page - Maxim Integrated Products MAX765ESA Datasheet HTML 8Page - Maxim Integrated Products MAX765ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V, ILOAD = 0mA, CREF = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +17V
OUT to GND ...........................................................+0.5V to -17V
Maximum Differential (V+ to OUT) ......................................+21V
REF, SHDN, FB to GND ...............................-0.3V to (V+ + 0.3V)
LX to V+..................................................................+0.3V to -21V
LX Peak Current ...................................................................1.5A
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX76_C_A ........................................................0°C to +70°C
MAX76_E_A .....................................................-40°C to +85°C
MAX76_MJA ..................................................-55°C to +125°C
Maximum Junction Temperatures
MAX76_C_A/E_A ..........................................................+150°C
MAX76_MJA .................................................................+175°C
Storage Temperature Range ............................-65°C to +160°C
Lead Temperature (soldering, 10sec) ............................+300°C
3V
≤ V+ ≤ 16V
V+ = 16V, SHDN = 0V or V+
V+ = 16V, SHDN < 0.4V
4V
≤ V+ ≤ 6V
0mA
≤ ILOAD ≤ 100mA
MAX76_M
3V
≤ V+ ≤ 16V
MAX76_C/E
0µA
≤ IREF ≤ 100µA
MAX76_M
MAX765C/E, -11.52V
≤ VOUT ≤ 12.48V
MAX764, -4.8V
≤ VOUT ≤ 5.2V
MAX76_E
MAX76_C
MAX76_M
MAX76_E
V+ = 16V, SHDN > 1.6V
V+ = 10V, SHDN > 1.6V
3V
≤ V+ ≤ 16V
MAX766, -14.40V
≤ VOUT ≤ -15.60V
MAX76_C
MAX765M, -11.52V
≤ VOUT ≤ 12.48V
CONDITIONS
V
1.6
VIH
SHDN Input Voltage High
µA
±1
SHDN Leakage Current
80
%/V
0.12
Line Regulation (Note 2)
%/mA
0.008
Load Regulation (Note 2)
µV/V
40
100
REF Line Regulation
415
mV
410
REF Load Regulation
1.4550
1.5
1.5450
1.4625
1.5
1.5375
V
1.4700
1.5
1.5300
VREF
Reference Voltage
35
105
50
120
µA
90
120
IS
Supply Current
3.5
V+
V
3.0
16.0
V+ Input Voltage Range
68
120
mA
150
260
IOUT
Output Current and Voltage
(Note 1)
±90
±70
2
ISHDN
Shutdown Current
15
mV
-10
10
FB Trip Point
nA
±50
IFB
FB Input Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX76_C/E
MAX76_M
VOUT = -5V
82
VOUT = -15V
Efficiency (Note 2)
10mA
≤ ILOAD ≤ 100mA,
VIN = 5V
%
3V
≤ V+ ≤ 16V
V
0.4
VIL
SHDN Input Voltage Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com