Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX765ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX765ESA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX765ESA Datasheet HTML 1Page - Maxim Integrated Products MAX765ESA Datasheet HTML 2Page - Maxim Integrated Products MAX765ESA Datasheet HTML 3Page - Maxim Integrated Products MAX765ESA Datasheet HTML 4Page - Maxim Integrated Products MAX765ESA Datasheet HTML 5Page - Maxim Integrated Products MAX765ESA Datasheet HTML 6Page - Maxim Integrated Products MAX765ESA Datasheet HTML 7Page - Maxim Integrated Products MAX765ESA Datasheet HTML 8Page - Maxim Integrated Products MAX765ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
_______________________________________________________________________________________
3
Note 1: See Maximum Output Current vs. Supply Voltage graph in the
Typical Operating Characteristics. Guarantees are based on
correlation to switch on-time, switch off-time, on-resistance, and peak current rating.
Note 2: Circuit of Figure 2.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, ILOAD = 0mA, CREF = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
IVOUTI + (V+) ≥ 10V
ILXI + (V+) ≤ 20V
IVOUTI + (V+) ≥ 10V
CONDITIONS
µs
1.8
2.3
2.8
tOFF
Minimum Switch Off-Time
µs
12
16
20
tON
Maximum Switch On-Time
A
0.5
0.75
IPEAK
Peak Current at LX
±30
±10
µA
±5
LX Leakage Current
Ω
1.4
2.5
LX On-Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX76_C
MAX76_E
MAX76_M
__________________________________________Typical Operating Characteristics
(V+ = 5V, VOUT = -5V, TA = +25°C, unless otherwise noted.)
100
0
0.1
10
1000
MAX764
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
90
80
70
60
50
40
30
20
10
1
100
CIRCUIT OF FIGURE 2
VOUT = -5V ±4%
V+ = 5V
V+ = 10V
V+ = 15V
100
0
0.1
10
1000
MAX765
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
90
80
70
60
50
40
30
20
10
1
100
V+ = 8V
V+ = 5V
CIRCUIT OF FIGURE 2
VOUT = -12V ±4%
100
0
0.1
10
1000
MAX766
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
90
80
70
60
50
40
30
20
10
1
100
V+ = 5V
CIRCUIT OF FIGURE 2
VOUT = -15V ±4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com