Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX991 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX991
Description  Two-mode demodulator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX991 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX991 Datasheet HTML 13Page - CML Microcircuits CMX991 Datasheet HTML 14Page - CML Microcircuits CMX991 Datasheet HTML 15Page - CML Microcircuits CMX991 Datasheet HTML 16Page - CML Microcircuits CMX991 Datasheet HTML 17Page - CML Microcircuits CMX991 Datasheet HTML 18Page - CML Microcircuits CMX991 Datasheet HTML 19Page - CML Microcircuits CMX991 Datasheet HTML 20Page - CML Microcircuits CMX991 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
17
D/991_992/20
The blocking capacitors C1 and C2 may be omitted (i.e point B connected to ground) if the input signals
are 0V dc biased. DC should not be applied to the input pins, otherwise damage to the internal protection
diodes may result.
4.4.2
Transmitter LO Input (CMX991 only)
Exactly the same configuration can be used for the CMX991 Tx LO input as for the receiver (Figure 12,
Table 10).
For the transmitter, ‘A’ in the diagram is pin TXLOP and ‘B’ is pin TXLON.
4.5
IF Local Oscillator (CMX991 and CMX992)
A typical configuration for using the internal VCO negative resistance amplifier at 180MHz is shown in
Figure 13. The other external components required to complete the PLL are the loop filter components,
see Figure 14
– which shows a 3
rd order loop filter; typical values for a 1kHz bandwidth are given in Table
12.
CMX991
CMX992
L1
CV1
C3
C2
C1
R1
VCO
Negative
Resistance
(NR)
Amplifier
CV2
R2
VCOP
VCON
L1 should have
a Q>30
Input from
Loop Filter
VCO
Output Buffer
Amplifier
Enable
Enable
Figure 13 Example External Components
– IF LO VCO External Tank Circuit
L1
33nH (Note 1)
CV1
1SV305 (Note 3)
C1
6.8 pF (Note 2)
CV2
1SV305 (Note 3)
C2
27 pF
R1
10k
Ω
C3
27 pF
R2
10kΩ
Note 1: Tolerance of 2% or better recommended
Note 2: Tolerance of 5% or better recommended
Note 3: Alternatives are SMV1705-079LF or JDV2S08S (obsolete); SMV1249-079LF gives
increased tuning range and slightly degraded phase noise.
Table 11 IF VCO LO Internal VCO Amplifier Tank Circuit for 180MHz Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com