Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX991 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX991
Description  Two-mode demodulator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX991 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX991 Datasheet HTML 17Page - CML Microcircuits CMX991 Datasheet HTML 18Page - CML Microcircuits CMX991 Datasheet HTML 19Page - CML Microcircuits CMX991 Datasheet HTML 20Page - CML Microcircuits CMX991 Datasheet HTML 21Page - CML Microcircuits CMX991 Datasheet HTML 22Page - CML Microcircuits CMX991 Datasheet HTML 23Page - CML Microcircuits CMX991 Datasheet HTML 24Page - CML Microcircuits CMX991 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
21
D/991_992/20
5.3
Transmitter (CMX991 only)
The transmitter requires analogue I and Q (baseband) signal inputs. This I/Q input is up-converted by
quadrature modulator(s) to a suitable IF (TxIF). This is the modulated signal with the desired modulation,
but at an IF of typically 45MHz or 90MHz, i.e. typically lower than the final desired (RF) transmit frequency.
The TxIF signal is available at the TXIFOUT pin or can be up (or down)converted to final frequency using
the CMX991 image reject up-mixer.
The TxIF signal can be optimised by selecting the correct setting of the IFH bit (register $11, b5 see
section 6.2.1) for IFs above or below 75MHz.
The IF LO input applied to the IF I/Q modulator(s) is generally developed internally (see section 5.4). The
LO is divided by either 2 or 4 to generate the quarature signals used in the modulator. The main LO, used
in image-reject up-converter, is generated off-chip.
5.3.1
Image-Reject Up-converter
The CMX991 transmitter architecture is shown in Figure 16. The image rejection process involves
generating TxIF signals with a quadrature phase relationship. The TxIF signals pass through filters to
remove harmonic content
– this substantially reduces the spurious content of the final output. The
bandwidth of the filters is selectable as 45MHz, 60MHz, 90MHz or 120MHz (see also section 7.12). The
signals are then used in a modulator stage which converts to the final frequency. The process results in
image cancellation of the unwanted mixing sideband with default operation being high side mixing as
follows:
frf = flo - fTxIf
(wanted)
fimage = flo + fTxIF
(rejected)
Which mixing product is the wanted and which the unwanted image can be selected, see section 6.6.
TXOUTP
TXOUTN
AVDD
T1
C1
Divide by
2 or 4
Select
TXIP
TXIN
TXQP
TXQN
Divide by
2 or 4
IF Local Oscillator
-6dB, 0dB, +6dB
CMX991
Tx Output
Figure 16 CMX991 Transmitter Architecture
The image-reject function reduces the need for filtering following the modulator to remove spurious
products, however it is likely that some filtering will still be required to meet spurious emissions limits,
hence the additional filter as shown in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com