Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX993 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX993
Description  Programmable 30dB Output Gain Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX993 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX993 Datasheet HTML 13Page - CML Microcircuits CMX993 Datasheet HTML 14Page - CML Microcircuits CMX993 Datasheet HTML 15Page - CML Microcircuits CMX993 Datasheet HTML 16Page - CML Microcircuits CMX993 Datasheet HTML 17Page - CML Microcircuits CMX993 Datasheet HTML 18Page - CML Microcircuits CMX993 Datasheet HTML 19Page - CML Microcircuits CMX993 Datasheet HTML 20Page - CML Microcircuits CMX993 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Quadrature Modulator
CMX993/CMX993W
 2013 CML Microsystems Plc
17
D/993/10
A
LN
Unit
dBm
EXT
Center 800 MHz
Span 7.5 MHz
750 kHz/
Ref Lvl
-10 dBm
Ref Lvl
-10 dBm
RF Att
10 dB
Mixer
-10 dBm
RBW
30 kHz
SWT
21 ms
LN
VBW
300 kHz
1RM
1VIEW
-100
-90
-80
-70
-60
-50
-40
-30
-20
-110
-10
1
Marker 1 [T1]
-26.49 dBm
800.07665331 MHz
1 [T1]
-26.49 dBm
800.07665331 MHz
CH PWR
-15.06 dBm
ACP Up
-71.83 dB
ACP Low
-72.41 dB
ALT1 Up
-84.54 dB
ALT1 Low
-84.33 dB
ALT2 Up
-66.92 dB
ALT2 Low
-66.73 dB
cu3
cu3
cu2
cu2
cu1
cu1
cl1
cl1
cl2
cl2
cl3
cl3
C0
C0
A
Unit
dBm
1RM
RBW
100 Hz
VBW
1 kHz
SWT
20 s
Ref Lvl
0 dBm
Ref Lvl
0 dBm
RF Att
30 dB
4 kHz/
Center 460 MHz
Span 40 kHz
EXT
-90
-80
-70
-60
-50
-40
-30
-20
-10
-100
0
1
1
Marker 1 [T1]
-22.92 dBm
459.99923848 MHz
1 [T1]
-22.92 dBm
459.99923848 MHz
CH PWR
-8.16 dBm
ACP Up
-70.80 dB
ACP Low
-71.57 dB
1 [T1]
0.00 dB
0.00000000 Hz
cu1
cu1
cl1
cl1
C0
C0
IS-95 reverse channel operation at 800MHz,
measured at 885kHz, 1.98kHz and 2.65MHz
C4FM modulation for APCO Project 25 (TIA/EIA
102.BAAA); Measurement is ‘non-spurious adjacent
chann
el power ratio’ (TIA/EIA 102.CAAB-B),
requirement = 67dB, typical performance = 70dB
RF Att
0 dB
A
Unit
dBm
Ref Lvl
-48.6 dBm
Ref Lvl
-48.6 dBm
-11.6 dB Offset
Center 520 MHz
Span 250 kHz
25 kHz/
RBW
10 kHz
VBW
10 kHz
SWT
15 ms
1VIEW
1SA
-140
-130
-120
-110
-100
-90
-80
-70
-60
-148
-48.6
1
Marker 1 [T1 NOI]
-155.04 dBm/Hz
520.00000000 MHz
1 [T1]
-155.04 dBm/Hz
520.00000000 MHz
RF Att
0 dB
A
Unit
dBm
RBW
10 kHz
VBW
10 kHz
SWT
15 ms
1SA
Ref Lvl
-43 dBm
Ref Lvl
-43 dBm
-6 dB Offset
25 kHz/
Center 1 GHz
Span 250 kHz
1AVG
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-143
-43
1
Marker 1 [T1 NOI]
-156.50 dBm/Hz
999.95015030 MHz
1 [T1]
-156.50 dBm/Hz
999.95015030 MHz
500MHz noise floor, carrier at 500MHz
1GHz noise floor, carrier at 980MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com