Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX993 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX993
Description  Programmable 30dB Output Gain Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX993 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX993 Datasheet HTML 17Page - CML Microcircuits CMX993 Datasheet HTML 18Page - CML Microcircuits CMX993 Datasheet HTML 19Page - CML Microcircuits CMX993 Datasheet HTML 20Page - CML Microcircuits CMX993 Datasheet HTML 21Page - CML Microcircuits CMX993 Datasheet HTML 22Page - CML Microcircuits CMX993 Datasheet HTML 23Page - CML Microcircuits CMX993 Datasheet HTML 24Page - CML Microcircuits CMX993 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Quadrature Modulator
CMX993/CMX993W
 2013 CML Microsystems Plc
21
D/993/10
8.1.3
Operating Characteristics
For the following conditions unless otherwise specified:
VDD = AVDD = DVDD = 3.3V; VDDIO = 1.6V to VDD; VSS = AVSS = DVSS. LO Level = -15dBm and
TAMB = -40ºC to +85ºC.
DC Parameters
Notes
Min.
Typ.
Max.
Units
Total Current Consumption
Powersave mode
0
-
10
70
µA
Band gap VREF only
-
50
-
µA
Operating
1
-
95
-
mA
Current from VDDIO
2
-
-
600
µA
Logic '1' Input Level
70%
-
-
VDDIO
Logic '0' Input Level
-
-
30%
VDDIO
Logic Input Leakage Current (Vin = 0 to DVDD)
-1.0
-
+1.0
µA
Output Logic ‘1’ Level (lOH = 0.6 mA)
80%
-
-
VDDIO
Output Logic ‘0’ Level (lOL = -1.0 mA)
-
-
+0.4
V
Power up time
Voltage Reference
All blocks except Voltage Reference
3
3
-
-
-
-
-
-
0.5
10
ms
µs
Reference Voltage (VREF, BVREF)
1.45
1.6
1.75
V
Notes:
0.
Powersave mode includes the case after general reset with all analogue and digital supplies
applied and also the case with VDD applied but with all analogue supplies disconnected (i.e. in
this latter scenario power from VDD will not exceed the specified value, whatever the state of the
registers). At TAMB = 25ºC, not including any current drawn from device pins by external
circuitry.
1.
For CMX993 only. Add 1mA for CMX993W device. TAMB = 25ºC only.
2.
Assumes 30pF on each C-BUS interface line and an operating serial clock frequency of 5MHz.
3.
Time from the rising edge of the last serial clock input following CSN being asserted for a write
to the appropriate control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com