Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786SCAI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX786SCAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786SCAI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX786SCAI Datasheet HTML 12Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 13Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 14Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 15Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 16Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 17Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 18Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 19Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MAX786
V+
VL
23
22
V+
C1
33
µF
35V
R9
1k
R10
OPEN
6
D2
25
18
16
17
19
15
10
11
7
8
SS3 GND PGND
BST3
DH3
LX3
DL3
CS3
FB3
ON3
ON5
SHDN
D1
BST5
DH5
LX5
DL5
CS5
FB5
REF
SYNC
Q2
Q1
2
14
20
3.3V
OUT
C7
150
µF
10V
C12
150
µF
10V
L1
10
µH
D1
1N5819
SHDN
D1
SYNC
Q1
Q2
C3
1
µF
20V
D3
1N5819
L2
10
µH
R2
0.025
Ω
5V
OUT
C6
330
µF
10V
C2
4.7
µF
C10
33
µF
35V
D2
R1
0.025
Ω
N1
N3
D2
R6
1M
R5
1M
R8
1M
R7
1M
R4
1M
9
27
26
24
1
28
3
13
12
4
5
C9
0.01
µF
SW1C
SW1A
SW1B
R3
1M
21
VH
D2
SS5
VREF (3.3V)
SW1D
N2
N4
C4
0.1
µF
N1 – N4 = Si9410DY
D2 = BAW56L OR TWO 1N4148s
VL (5V)
C8
0.01
µF
ON3
ON5
C5
0.1
µF
Dual-Output Power-Supply
Controller for Notebook Computers
16
______________________________________________________________________________________
Other ways to shut down the MAX786 are suggested
in the applications section of the MAX782/MAX783
data sheet.
__________Applications Information
Low-Voltage (6-Cell) Operation
The standard application circuit can be configured to
accept input voltages from 5.5V to 12V by changing
the oscillator frequency to 200kHz and increasing the
+5V filter capacitor to 660µF. This allows stable opera-
tion at 5V loads up to 2A (the 3.3V side requires no
changes and still delivers 3A).
Figure 6. MAX786 EV Kit Schematic
Table 3. EV Kit Power-Supply Controls (SW1)
SWITCH
NAME
FUNCTION
ON
SETTING
OFF
SETTING
1
SHDN
Enable shutdown
mode
Operate
Shutdown
2
ON3
Enable 3.3V
power supply
3.3V ON
3.3V OFF
3
ON5
Enable 5.0V
power supply
5V ON
5V OFF
4
SYNC
Oscillator
200kHz
300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com