Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786SCAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX786SCAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786SCAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX786SCAI Datasheet HTML 1Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 2Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 3Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 4Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 5Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 6Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 7Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 8Page - Maxim Integrated Products MAX786SCAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
__________________General Description
The MAX786 is a system-engineered power-supply
controller for notebook computers or similar battery-
powered equipment. It provides two high-performance
step-down (buck) pulse-width modulators (PWMs)
for +3.3V and +5V. Other features include dual,
low-dropout, micropower linear regulators for
CMOS/RTC back-up, and two precision low-battery-
detection comparators.
High efficiency (95% at 2A; greater than 80% at loads
from 5mA to 3A) is achieved through synchronous recti-
fication and PWM operation at heavy loads, and
Idle Mode
TM operation at light loads. The MAX786 uses
physically small components, thanks to high operating
frequencies (300kHz/200kHz) and a new current-mode
PWM architecture that allows for output filter capacitors
as small as 30µF per ampere of load. Line- and load-
transient responses are terrific, with a high 60kHz unity-
gain crossover frequency allowing output transients to
be corrected within four or five clock cycles. Low sys-
tem cost is achieved through a high level of integration
and the use of low-cost, external N-channel MOSFETs.
Other features include low-noise, fixed-frequency PWM
operation at moderate to heavy loads, and a synchro-
nizable oscillator for noise-sensitive applications such
as electromagnetic pen-based systems and communi-
cating computers. The MAX786 is a monolithic,
BiCMOS IC available in fine-pitch, surface-mount
SSOP packages.
___________________________Applications
Notebook Computers
Portable Data Terminals
Communicating Computers
Pen-Entry Systems
________________________________Features
o Dual PWM Buck Controllers (+3.3V and +5V)
o Two Precision Comparators or Level Translators
o 95% Efficiency
o 420µA Quiescent Current, 70µA in Standby
(linear regulators alive)
o 25µA Shutdown Current (+5V linear alive)
o 5.5V to 30V Input Range
o Small SSOP Package
o Fixed Output Voltages:
3.3V (standard)
3.45V (High-Speed Pentium™)
3.6V (PowerPC™)
_________________Ordering Information
Dual-Output Power-Supply
Controller for Notebook Computers
_______________________________________________________________________
Maxim Integrated Products
1
19-0160; Rev 2; 4/97
_____________________Pin Configuration
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
FB3
DH3
LX3
BST3
D1
ON3
SS3
CS3
TOP VIEW
DL3
V+
VL
FB5
Q1
Q2
VH
D2
20
19
18
17
9
10
11
12
PGND
DL5
BST5
LX5
SHDN
SYNC
REF
GND
SSOP
MAX786
16
15
13
14
DH5
CS5
SS5
ON5
Idle Mode is a trademark of Maxim Integrated Products. Pentium is a trademark of Intel Corp. PowerPC is a trademark of IBM Corp.
________Typical Application Diagram
MAX786
5.5V
TO
30V
SHUTDOWN
POWER
SECTION
POWER-GOOD
LOW-BATTERY WARNING
µP
MEMORY
PERIPHERALS
+3.3V
+5V
5V ON/OFF
3.3V ON/OFF
SYNC
SUSPEND POWER
28 SSOP
0°C to +70°C
MAX786RCAI
28 SSOP
0°C to +70°C
MAX786CAI
PIN-PACKAGE
TEMP. RANGE
PART
3.45V
3.3V
VOUT
Ordering Information continued at end of data sheet.
EVALUATION
KIT
INFORMATION
INCLUDED
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX786SCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
MAX78615+LMU MAXIM-MAX78615+LMU Datasheet
680Kb / 62P
Isolated Energy Measurement Processor for Load Monitoring Units
Rev 0; 12/12
MAX78615+LMU/A01 MAXIM-MAX78615+LMU/A01 Datasheet
680Kb / 62P
Isolated Energy Measurement Processor for Load Monitoring Units
Rev 0; 12/12
MAX78615+LMU/A01T MAXIM-MAX78615+LMU/A01T Datasheet
680Kb / 62P
Isolated Energy Measurement Processor for Load Monitoring Units
Rev 0; 12/12
MAX78615+PPM/A03 MAXIM-MAX78615+PPM/A03 Datasheet
844Kb / 46P
Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
More results

Similar Description - MAX786SCAI

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com